Electronic Components Datasheet Search
  English  ▼

X  

AC101 Datasheet(PDF) 1 Page - Shenzhen X-Powers Technology Co ., Ltd

Part # AC101
Description  I2S/PCM Audio Interfaces Stereo CODEC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPOWER [Shenzhen X-Powers Technology Co ., Ltd]
Direct Link  http://www.x-powers.com/en.php/Index/index
Logo XPOWER - Shenzhen X-Powers Technology Co ., Ltd

AC101 Datasheet(HTML) 1 Page - Shenzhen X-Powers Technology Co ., Ltd

  AC101 Datasheet HTML 1Page - Shenzhen X-Powers Technology Co ., Ltd AC101 Datasheet HTML 2Page - Shenzhen X-Powers Technology Co ., Ltd AC101 Datasheet HTML 3Page - Shenzhen X-Powers Technology Co ., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AC101
www.x-powers.com
Copyright © 2016 X-Powers Limited. All Rights Reserved
Revision 0.7
1
I2S/PCM Audio Interfaces Stereo CODEC with Capless
Headphone Drivers for Portable Audio Applications
FEATURES
 2 ADCs and 2 DACs @ 24-bit and inter PLL
processing with flexible clocking scheme
 Up to 100dB SNR during DAC playback path
 Up to 95dB SNR during ADC record path
 Capless stereo headphone driver with
18mW@1.8V
 Two stereo differential speaker outputs
 Three audio inputs
- Two differential analog microphone inputs
with 30dB~48dB boost amplifier gain
- One differential or single-ended line-in
input
 Two low noise analog microphone bias
 Audio jack insert/ button press detection
 TWI/RSB control interface
 One 24-bit 8KHz ~ 192KHz I2S/PCM interface
 Support DRC for the DAC playback output
 Soft mute circuit for pop noise suppression
 Support digital microphone interface
40 pin , 5×5 mm2 QFN Package
APPLICATIONS
 Box
 Tablets
 Player/recorder/WiFi speaker
DESCRIPTION
AC101 is a highly integrated audio codec designed
for player and tablet application platforms. It has
one I2S/PCM interface, 2 channel DAC and 2 channel
ADC with a high level of mixed-signal integration.
An integrated digital PLL supports a large range of
input/output frequencies, and It can generate
required audio clocks for codec from standard audio
crystal rate such as 22.5792MHz and 24.576MHz,
also can be from common reference clock
frequencies. The 2 ADC and 2 DAC in device use
advanced
multi-bit
delta-sigma
modulation
technique to convert data between analog and
digital . The SNR performance can reach 100 dB A-
wight.
Three analog input paths allow diverse analog audio
sources such as two sets of differential microphone,
one differential or single-ended linein or stereo FM
input.
One ground-reference headphone output is
provided. The output amplifier are powered from an
integrated Charge Pump in order to achieve a higher
quality, less power consumption in headphone
playback, whist without any DC blocking capacitor
and avoiding unwanted noise.
Two stereo differential speaker output is available by
using an external amplifier to drive the loud-speaker.
It can also be configured as single-ended output pin
for some application of external single-ended
amplifier.
AC101 is controlled through TWI (2-wire serial
interface ) or RSB(reduced serial bus) . It only works
in the slave mode .
DRC function provide an useful digital sound
processing capability in DAC playback path. It is used
to attenuate the peak signals and boost the low-level.


Similar Part No. - AC101

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AC101-QF ETC-AC101-QF Datasheet
155Kb / 2P
10/100 BASE - TX SINGLE-CHANNEL ALTI PHY TRANSCEIVER
AC101-TF ETC-AC101-TF Datasheet
155Kb / 2P
10/100 BASE - TX SINGLE-CHANNEL ALTI PHY TRANSCEIVER
logo
TALEMA Group. LLC
AC1010 TALEMA-AC1010 Datasheet
60Kb / 1P
10 Amp Current Transformer
logo
Teledyne Technologies I...
AC1012 TELEDYNE-AC1012 Datasheet
178Kb / 2P
0.3 TO 1000 MHz TO-8 CASCADABLE AMPLIFIERS
logo
TALEMA Group. LLC
AC1015 TALEMA-AC1015 Datasheet
60Kb / 1P
15 Amp Current Transformer
More results

Similar Description - AC101

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9880A MAXIM-MAX9880A Datasheet
1Mb / 70P
Low-Power, High-Performance Dual I2S Stereo Audio Codec
Rev 0; 7/10
logo
Synaptics Incorporated.
CX20873 CONEXANT-CX20873 Datasheet
621Kb / 2P
Full duplex stereo I2S/PCM
logo
Realtek Semiconductor C...
ALC5620 REALTEK-ALC5620 Datasheet
1Mb / 84P
I2S AUDIO CODEC VOICE PCM INTERFACE
ALC5623 REALTEK-ALC5623 Datasheet
1Mb / 74P
I2S AUDIO CODEC HEADPHONE AMPLIFIER
ALC5623-GR REALTEK-ALC5623-GR_08 Datasheet
1Mb / 75P
I2S AUDIO CODEC HEADPHONE AMPLIFIER
ALC5624-GR REALTEK-ALC5624-GR Datasheet
1Mb / 73P
HAND-HELD MULTIMEDIA I2S AUDIO CODEC
ALC5628 REALTEK-ALC5628 Datasheet
802Kb / 45P
I2S/PCM STEREO DAC WITH HEADPHONE
ALC5629 REALTEK-ALC5629 Datasheet
717Kb / 38P
I2S/PCM AUDIO DAC
logo
Maxim Integrated Produc...
MAX9880A MAXIM-MAX9880A_V01 Datasheet
3Mb / 74P
Low-Power, High-Performance Dual I2S Stereo Audio Codec
19-5139; Rev 2; 8/20
logo
Realtek Semiconductor C...
ALC3261 REALTEK-ALC3261 Datasheet
1Mb / 130P
FOUR CHANNEL I2S/PCM AUDIO CODEC WITH VOICE DSP
Rev. 0.91
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com