Electronic Components Datasheet Search
  English  ▼

X  

AC108 Datasheet(PDF) 1 Page - Shenzhen X-Powers Technology Co ., Ltd

Part # AC108
Description  Highly Integrated Quad-channel ADC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPOWER [Shenzhen X-Powers Technology Co ., Ltd]
Direct Link  http://www.x-powers.com/en.php/Index/index
Logo XPOWER - Shenzhen X-Powers Technology Co ., Ltd

AC108 Datasheet(HTML) 1 Page - Shenzhen X-Powers Technology Co ., Ltd

  AC108 Datasheet HTML 1Page - Shenzhen X-Powers Technology Co ., Ltd AC108 Datasheet HTML 2Page - Shenzhen X-Powers Technology Co ., Ltd AC108 Datasheet HTML 3Page - Shenzhen X-Powers Technology Co ., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AC108
www.x-powers.com
Copyright © 2016 X-Powers Limited. All Rights Reserved
Revision 0.7
1
Highly Integrated Quad-channel ADC with I2S/TDM
Output Transition for Multi-microphone Array
FEATURES
 108 dB dynamic range (A-weighted) @ 0 dB
boost gain
 –90 dB THD+N @ 0 dB boost gain
 4 programmable boost amplifiers with 0dB to
45dB in 3dB step
 ADC sample rates supported: 8kHz,12kHz,16kHz,
22.05kHz, 24kHz, 32kHz, 44.1kHz, 48kHz,96kHz
 Analog mixer and digital mixer in record data
path
 Four fully differential microphone inputs:
MIC1P/N ~MIC4P/N
- Can be configured as pseudo differential,
single-ended mode
- Can be configured as digital MIC data pin
 Four low noise mic bias outputs:
MIC1_BIAS~MIC4_BIAS
- Programmable bias voltage 1.5V to 4V
 Two DMIC SCLK output@1M~3.25M
 Two I2S data output:
- Can be configured as I2S/PCM format using
1 pins to output 2 channel data of 1 devices.
- Can be configured as I2S/PCM format using 2
pins to output 4 channel data of 1 devices.
- Can be configured as TDM format using 1
pins to output 4 even 16 channel data of 4
devices.
- Can be configured as Encoding format using
1 pins to output 4 even 16 channel data of 4
devices.
 DPLL support a wide input for 6-/12-MHz,
6.144-/12.288-MHz, 5.6448-/11.2896-MHz,
13MHz and 19.2MHz.
 Integrated LDO allowing single 3.3V supply
 <4mA per ADC channel for low power
consumption application
 TWI control interface support from 100 kHz up
to 400 kHz
 48 pin , 6×6 mm2 QFN Package
APPLICATIONS
 Audio Capture in Voice Interactive Product
 Audio Capture in Voice Communication System
DESCRIPTION
AC108 is a highly integrated quad-channel ADC with
I2S/TDM output transition . It's designed for multi-
microphone array in high definition voice capture
and recognition application platforms.
The integrated digital PLL supports a large range of
input/output frequencies, and It can generate
required system clocks from common reference
clock such as 6-/12-MHz, 6.144-/12.288-MHz,
5.6448-/11.2896-MHz, 13MHz and 19.2MHz. The
audio sample 8kHz, 12kHz,16kHz, 22.05kHz, 24kHz,
32kHz, 44.1kHz, 48kHz, 96kHz is supported.
AC108 integrates four synchronized ADCs with
independent programmable mic bias voltage and
mic boost amplifier to deliver valid channel data
that channel crosstalk can be eliminated. The analog
input port MIC1P/N ~MIC4P/N is designed as four
differential microphone pin or single-ended line-in
pin.Two smart digital mic interfaces are supported
to make low jitter clock output and decimation filter
for up to four digital mic. Independent digital voice
controllers are provided in each channel.
AC108 can transit its four channels output data over
two I2S ports by standard I2S or PCM format, also a
single port by TDM format. A new format called
encoding mode can also used to transit four channel
data when the I2S format of AP is normal protocol
types. Furthermore, one to four device can be
combined to transit up to 16 channels output data
by a single TDM line.
The device includes several DSP features such as
high-pass filter, mixer, and volume control. It
includes several DSP features such as high-pass filter,
mixer, and volume control.
It is available in a 48-pin 6mm*6mm QFN package.


Similar Part No. - AC108

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
AC1082 TELEDYNE-AC1082 Datasheet
161Kb / 2P
10 TO 1000 MHz TO-8 CASCADABLE AMPLIFIERS
AC1088 TELEDYNE-AC1088 Datasheet
163Kb / 2P
100 TO 1000 MHz TO-8 CASCADABLE AMPLIFIER
More results

Similar Description - AC108

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3577 LINER-LTC3577 Datasheet
630Kb / 52P
Highly Integrated 6-Channel Portable PMIC
logo
Fairchild Semiconductor
FAN6206 FAIRCHILD-FAN6206 Datasheet
853Kb / 15P
Highly Integrated Dual-Channel Synchronous Rectification Controller
logo
Linear Technology
LTM9012 LINER-LTM9012 Datasheet
1Mb / 28P
Quad 14-Bit, 125Msps ADC with Integrated Drivers
logo
Analog Devices
AD7173-8 AD-AD7173-8 Datasheet
1Mb / 64P
Low Power, 8-/16-Channel, 31.25 kSPS, 24-Bit, Highly Integrated Sigma-Delta ADC
REV. 0
logo
Linear Technology
LTM9012 LINER-LTM9012_15 Datasheet
1Mb / 28P
Quad 14-Bit, 125Msps ADC with Integrated Drivers
LTC3577 LINER-LTC3577_15 Datasheet
640Kb / 54P
Highly Integrated 6-Channel Portable PMIC
LTC3577-1 LINER-LTC3577-1_15 Datasheet
640Kb / 54P
Highly Integrated 6-Channel Portable PMIC
logo
Texas Instruments
ADS54J66 TI1-ADS54J66 Datasheet
5Mb / 82P
Quad-Channel, 14-Bit, 500-MSPS ADC with Integrated DDC
logo
Maxim Integrated Produc...
MAXM15466 MAXIM-MAXM15466 Datasheet
665Kb / 10P
Highly Integrated Solution
Rev 0; 3/19
MAXM17624 MAXIM-MAXM17624 Datasheet
619Kb / 10P
Highly Integrated Solution
Rev 0; 1/19
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com