Electronic Components Datasheet Search
  English  ▼

X  

AC200 Datasheet(PDF) 1 Page - Shenzhen X-Powers Technology Co ., Ltd

Part # AC200
Description  Digital Analog Mix IC with Audio, Video and EPHY Modules for TV-BOX Application
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPOWER [Shenzhen X-Powers Technology Co ., Ltd]
Direct Link  http://www.x-powers.com/en.php/Index/index
Logo XPOWER - Shenzhen X-Powers Technology Co ., Ltd

AC200 Datasheet(HTML) 1 Page - Shenzhen X-Powers Technology Co ., Ltd

  AC200 Datasheet HTML 1Page - Shenzhen X-Powers Technology Co ., Ltd AC200 Datasheet HTML 2Page - Shenzhen X-Powers Technology Co ., Ltd AC200 Datasheet HTML 3Page - Shenzhen X-Powers Technology Co ., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AC200
www.x-powers.com
Copyright © 2016 X-Powers Limited. All Rights Reserved
Revision 0.7
1
Digital Analog Mix IC with Audio, Video and EPHY
Modules for TV-BOX Application
FEATURES
 Support One I2S/PCM interface
 Two audio digital-to-analog(DAC) channels
- 100dBSNR@A-weigh
- Supports DAC Sample Rates from 8KHz to
192KHz
 Support analog/ digital volume control
 Two differential microphone inputs
 One lineout output with voltage ramp
 Two audio analog-to-digital(ADC) channels
- 92dBSNR@A-weight
- Supports ADC Sample Rates from 8KHz to
48KHz
 Support Automatic Gain Control(AGC)
adjusting the ADC recording output
 Support CCIR656 and Serial YUV interface
 1 CVBS out, Support NTSC and PAL
 CVBS Out Plug status auto detecting
 Support MII and RMII interface
 Fully IEEE 802.3 10/100 Base-TX compliant and
supports EEE
 Auto negotiation and parallel detection
capability for automatic speed and duplex
selection
 Programmable loopback mode for diagnostic
 Supports WOL (Wake-On-LAN) functionality
 Design for testability with extensive testability
feature and 95% fault coverage
 Power consumption(100Base-TX) less than
140mW
 TWI/RSB control interface,TWI up to 400Kbps,
RSB up to 10Mbps
 Integrate Codec LDO,Core LDO,single3.3V
supply for chip
 Internal OSC,32K clock output
 Internal RTC function
68 pin , 8×8 mm2 QFN Package
APPLICATIONS
 TV-Box
DESCRIPTION
The AC200 is a digital analog mix IC, which use in
TV-BOX. It is composed of Audio,Video and EPHY
modules.
Audio communicate with SoC in I2S interface ,
transform I2S to 2 MIC and 1 Line out.
Video communicate with SoC in CCIR656 interface,
transform CCIR656 to Composite Video Broadcast
Signal.
EPHY communicate with SoC in MII/RMII interface,
transform to 100M Ethernet.
AC200 is available in 8mm x 8mm 68-pin QFN
package, and the package is Pb free.


Similar Part No. - AC200

ManufacturerPart #DatasheetDescription
logo
Intronics Power, Inc.
AC200 INTRONICS-AC200 Datasheet
210Kb / 2P
200 Watt Single Output U Frame AC-DC Modules with PFC
AC200-033 INTRONICS-AC200-033 Datasheet
210Kb / 2P
200 Watt Single Output U Frame AC-DC Modules with PFC
AC200-050 INTRONICS-AC200-050 Datasheet
210Kb / 2P
200 Watt Single Output U Frame AC-DC Modules with PFC
AC200-120 INTRONICS-AC200-120 Datasheet
210Kb / 2P
200 Watt Single Output U Frame AC-DC Modules with PFC
AC200-150 INTRONICS-AC200-150 Datasheet
210Kb / 2P
200 Watt Single Output U Frame AC-DC Modules with PFC
More results

Similar Description - AC200

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8851CN TOSHIBA-TA8851CN Datasheet
1Mb / 45P
AUDIO/VIDEO SWITCH IC FOR TV WITH S-TERMINALS
logo
Sony Corporation
CXA3275Q SONY-CXA3275Q Datasheet
201Kb / 22P
PLL/OSC/MIX IC for Digital Tuner
logo
KEC(Korea Electronics)
KIA1218AN KEC-KIA1218AN Datasheet
762Kb / 34P
BIPOLAR LINEAR INTEGRATED CIRCUIT (AUDIO/VIDEO SWITCHING IC FOR TV)
logo
Toshiba Semiconductor
TA8851BN TOSHIBA-TA8851BN Datasheet
1Mb / 46P
AUDIO/ VIDEO SWITCH IC FOR TV WITH S-TERMINALS
TA8851BNG TOSHIBA-TA8851BNG Datasheet
1Mb / 48P
AUDIO / VIDEO SWITCH IC FOR TV WITH S-TERMINALS
logo
Sanyo Semicon Device
LA72730 SANYO-LA72730 Datasheet
121Kb / 8P
Monolithic Linear IC For TV Audio/Video Switch
logo
NXP Semiconductors
SAA7131E NXP-SAA7131E Datasheet
335Kb / 66P
Global standard low-IF demodulator and PCI audio and video decoder for analog TV
Rev. 03-19 May 2008
logo
List of Unclassifed Man...
SI2156-B30 ETC2-SI2156-B30 Datasheet
60Kb / 2P
Worldwide High-Performance TV Tuner IC for Analog and Digital Standards
logo
Shanghai Leiditech Elec...
SD18C LEIDITECH-SD18C Datasheet
131Kb / 3P
Set-top box and digital TV
logo
Skyworks Solutions Inc.
SI2177 SKYWORKS-SI2177 Datasheet
208Kb / 2P
Worldwide Digital and Analog TV Tuner with Analog Demodulator
August 22, 2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com