Electronic Components Datasheet Search
  English  ▼

X  

AXP155 Datasheet(PDF) 1 Page - Shenzhen X-Powers Technology Co ., Ltd

Part # AXP155
Description  Highly integrated PMIC with 5 DC/DC Buck Converters and 10 LDOs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPOWER [Shenzhen X-Powers Technology Co ., Ltd]
Direct Link  http://www.x-powers.com/en.php/Index/index
Logo XPOWER - Shenzhen X-Powers Technology Co ., Ltd

AXP155 Datasheet(HTML) 1 Page - Shenzhen X-Powers Technology Co ., Ltd

  AXP155 Datasheet HTML 1Page - Shenzhen X-Powers Technology Co ., Ltd AXP155 Datasheet HTML 2Page - Shenzhen X-Powers Technology Co ., Ltd AXP155 Datasheet HTML 3Page - Shenzhen X-Powers Technology Co ., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AXP155
www.x-powers.com
Copyright © 2016 X-Powers Limited. All Rights Reserved
Revision 1.0
1
Highly integrated PMIC with 5 DC/DC Buck Converters
and 10 LDOs
FEATURES
3.0V~5.5V Input Operating Range
25uA Off-Mode Current
 5 Buck DC/DC Step Down Converters
- DCDC-A:PFM/PWM dual mode,0.6V~1.1V
adjustable,10mV/step;1.12V~1.52V,
20mV/step,output current 2.5A
- DCDC-B:PFM/PWM dual mode,scaling in
1.0-2.55V,50mV/step,output current 2.5A,
DVM
- DCDC-C:PFM/PWM dual mode,0.6V~1.1V
adjustable,10mV/step;1.12V~1.52V,20mV/step
output current 2.5A
- DCDC-D:PFM/PWM dual mode,0.6V~1.5V
adjustable,20mV/step;1.6V~3.3V,100mV/step,
output current 1.5A
- DCDC-E:PFM/PWM dual mode,scaling in
1.1V~3.4V,100mV/step,output current 1.5A
 10 LDOs
- ALDO1:scaling in 0.7~3.3V, 100mV/step,
output current 300mA
- ALDO2:scaling in 0.7~3.3V, 100mV/step,
output current 300mA
- BLDO1:scaling in 0.7V~1.9V,100mV/step,
output current 400mA
- BLDO2:scaling in 0.7V~1.9V,100mV/step,
output current 300mA
- BLDO3:scaling in 0.7V~1.9V,100mV/step,
output current 200mA
- BLDO4:scaling in 0.7V~1.9V,100mV/step,
output current 200mA
- CLDO1:scaling in 0.7V~3.3V,100mV/step,
output current 400mA
- CLDO2:0.7V~3.4V adjustable,100mV/step;
3.6V~4.2V,200mV/step, output current 300mA
- CLDO3: scaling in 0.7V~3.3V ,100mV/step;
output current 200mA
 System Management
- Support TWSI(Two Wire Serial Interface),
address is 0x6C/0x6D or 0x6E/0x6F
- Support RSB(Reduced Serial Bus) interface,
address is 0x03A2/0x04E6
- Internal Over-Temperature-Protection(OTP)
- Internal output voltage monitor for 5 DCDC
converters
- Internal output PWROK signal
- Provides power-on and power-off key
- Internal on-off switch with the internal
ideal resistence of 90 mΩ
- Programmable power on voltage
and sequence
56 pin , 7x7mm2 QFN Package
APPLICATIONS
 STB
 OTT Box
 Tablet
 Mini PC
DESCRIPTION
AXP155 is a highly integrated power management IC
targeting at 5V power source applications that
requires multi-channel regulator outputs.It provides
up to 7.5A current output through tri-phase Buck,and
can comprise a battery powered total solution
together with battery manage unit(BMU).
AXP155 integrates 5-ch step-down converters Buck
converter, 10-ch LDOs. To ensure the security and
stability of the power system,AXP155 provides
protection circuit such as OVP,UVP,OTP and OCP.In
addition,AXP155 embraces a fast interface for system
to dynamically adjust output voltage.
AXP155 is available in 7mm x 7mm 56-pin QFN
package


Similar Part No. - AXP155

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AXP152 ETC2-AXP152 Datasheet
792Kb / 34P
Enhanced Power Supply IC
logo
Shenzhen X-Powers Techn...
AXP152 XPOWER-AXP152 Datasheet
390Kb / 4P
Highly integrated PMIC with 4 DC/DC Buck Converters and 7 LDOs
More results

Similar Description - AXP155

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3709 AMSCO-AS3709 Datasheet
930Kb / 74P
關PMIC with 5 DCDC and 2 LDOs
logo
Linear Technology
LTC3521 LINER-LTC3521_15 Datasheet
379Kb / 22P
1A Buck-Boost DC/DC and Dual 600mA Buck DC/DC Converters
logo
Altera Corporation
EN6360QI ALTERA-EN6360QI Datasheet
1Mb / 24P
DC-DC Buck with Integrated Inductor
logo
Richtek Technology Corp...
DS5028E RICHTEK-DS5028E Datasheet
519Kb / 41P
Integrated PMIC with 4-Channel Synchronous Buck Converters, 8 LDOs, and MTP Non-Volatile Memory for Industrial Applications
logo
Shenzhen X-Powers Techn...
AXP152 XPOWER-AXP152 Datasheet
390Kb / 4P
Highly integrated PMIC with 4 DC/DC Buck Converters and 7 LDOs
logo
ON Semiconductor
NCP6922C ONSEMI-NCP6922C Datasheet
2Mb / 42P
4 Channels PMIC, 2 x DC-to-DC Converters, 2 x LDOs
September, 2019 ??Rev. 2
logo
Texas Instruments
TPS6521905 TI1-TPS6521905 Datasheet
4Mb / 164P
User programmable Power Management IC (PMIC) with three step-down DC/DC converters and four LDOs
JUNE 2023
logo
Richtek Technology Corp...
RTQ5115-QA RICHTEK-RTQ5115-QA Datasheet
582Kb / 46P
Integrated PMIC with 4-Channel Synchronous Buck Converters, 8 LDOs, and MTP Non-Volatile Memory for Industrial and Automotive Applications
June 2021
logo
Texas Instruments
TPS6521905-Q1 TI-TPS6521905-Q1 Datasheet
2Mb / 155P
Automotive User programmable Power Management IC (PMIC) with three step-down DC/DC converters and four LDOs
SEPTEMBER 2023
TPS6522005-EP TI1-TPS6522005-EP Datasheet
3Mb / 164P
TPS6522005-EP User Programmable Power Management IC (PMIC) with Three Stepdown DC/DC Converters and Four LDOs
NOVEMBER 2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com