Electronic Components Datasheet Search
  English  ▼

X  

FS8860 Datasheet(PDF) 12 Page - Fortune Semiconductor Corp.

Part # FS8860
Description  1.0A Adjustable & Fixed Voltage LDO Linear Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS8860 Datasheet(HTML) 12 Page - Fortune Semiconductor Corp.

Back Button FS8860 Datasheet HTML 7Page - Fortune Semiconductor Corp. FS8860 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS8860 Datasheet HTML 9Page - Fortune Semiconductor Corp. FS8860 Datasheet HTML 10Page - Fortune Semiconductor Corp. FS8860 Datasheet HTML 11Page - Fortune Semiconductor Corp. FS8860 Datasheet HTML 12Page - Fortune Semiconductor Corp. FS8860 Datasheet HTML 13Page - Fortune Semiconductor Corp. FS8860 Datasheet HTML 14Page - Fortune Semiconductor Corp. FS8860 Datasheet HTML 15Page - Fortune Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
FS8860
Rev. 2.2
12/15
Thermal overload protection is designed to protect the FS8860 in the event of fault conditions. For continuous
operation, the maximum operating junction temperature rating of TJ = +125°C should not be exceeded.
Operating Region and Power Dissipation
Maximum power dissipation of the FS8860 depends on the thermal resistance of the case and circuit board, the
temperature difference between the die junction and ambient air, and the rate of airflow. The power dissipation
across the devices is P = IOUT x (VIN-VOUT). The resulting maximum power dissipation is:
(
) (
)
JA
A
J
CA
JC
A
J
MAX
T
T
T
T
P
θ
θ
θ
−
=
+
−
=
Where (TJ-TA) is the temperature difference between the FS8860 die junction and the surrounding air, θJC is
the thermal resistance of the package chosen, and θCA is the thermal resistance through the printed circuit
board, copper traces and other materials to the surrounding air. For better heat-sinking, the copper area should
be equally shared between the IN, OUT, and GND pins.
If the FS8860 uses a SOT-223 package and this package is mounted on a double sided printed circuit board
with two square inches of copper allocated for “heat spreading”, the resulting θJA is 80 °C/W.
Based on the maximum operating junction temperature 125 °C with an ambient of 25°C, the maximum power
dissipation will be:
() ()
W
T
T
P
CA
JC
A
J
MAX
25
.
1
80
25
125
=
−
=
+
−
=
θ
θ
Thermal characteristics were measured using a double-sided board with 1” x 2” square inches of copper area
connected to the GND pin for “heat spreading”.
Input-Output Voltage
A regulator’s minimum input-output voltage differential, or dropout voltage, determines the lowest usable supply
voltage. In battery-powered systems, this will determine the useful end-of-life battery voltage. The FS8860 uses
a P-channel MOSFET pass transistor, its dropout voltage is a function of drain-to-source on-resistance
(RDS(ON)) multiplied by the output current.
VDROPOUT = VIN-VOUT = RDS(ON) x IOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com