Electronic Components Datasheet Search
  English  ▼

X  

MT7817CD Datasheet(PDF) 1 Page - Maxic Technology Corporation

Part # MT7817CD
Description  PWM/Analog dimmable Non-isolated Constant Current LED Driver
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIC [Maxic Technology Corporation]
Direct Link  http://www.maxictech.com/
Logo MAXIC - Maxic Technology Corporation

MT7817CD Datasheet(HTML) 1 Page - Maxic Technology Corporation

  MT7817CD Datasheet HTML 1Page - Maxic Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MT7817CD
PWM/Analog dimmable Non-isolated
Maximizing IC Performance
Constant Current LED Driver
Email: sales@maxictech.com
www.maxictech.com
Rev. 1.10
Tel: 86-10-62662828
Copyright © 2017 Maxic Technology Corporation
Page 1
DESCRIPTION
MT7817CD is a high precision LED constant
current controller operating at critical conduction
mode (CRM) with zero current switched-on and
peak current switched-off. It’s mainly targeted for
non-isolated buck LED power systems and
PWM/Analog dimmable application.
Critical conduction mode ensures that the
MT7817CD turns on the internal switch when the
inductor current reaches zero, reducing the
switch-on switching losses, and achieving more
than 93% efficiency.
With critical conduction mode, and the input
compensation, MT7817CD outputs high
accuracy LED current, and further achieves
excellent line regulation and load regulation.
MT7817CD has wide working voltage range,
which is suitable for full-range AC input or 12V ~
500V DC input voltage. MT7817CD provides
various protection features to improve the
system reliability, including over current
protection (OCP), short circuit protection (SCP),
adjustable over voltage protection (OVP) and
over temperature regulation (OTR), etc.
FEATURES
 Internal 500V power MOSFET
 Critical Conduction Mode, insensitive to the
inductance
 PWM/ Analog dimming function
 High efficiency (up to 93%)
 Highly accurate constant LED current
 Cycle-by-cycle current limiting
 LED short circuit protection
 Adjustable LED over voltage protection
 Leading edge blanking technique
 Under-voltage lockout (UVLO) protection
 Over temperature regulation (OTR)
 Available in DIP7package
APPLICATIONS
 LED tube, signal lamp, landscape lamp
 LED stage light, etc
 Intelligent LED lighting application
Typical Application Circuit


Similar Part No. - MT7817CD

ManufacturerPart #DatasheetDescription
logo
Maxic Technology Corpor...
MT7810 MAXIC-MT7810 Datasheet
156Kb / 1P
High Efficiency High Precision Buck Constant Current Driver
MT7811B MAXIC-MT7811B Datasheet
168Kb / 1P
High Efficiency High Precision Buck Constant Current Driver
MT7812B MAXIC-MT7812B Datasheet
168Kb / 1P
High Efficiency High Precision Buck Constant Current Driver
MT7813B MAXIC-MT7813B Datasheet
170Kb / 1P
High Efficiency High Precision Buck Constant Current Driver
MT7814BD MAXIC-MT7814BD Datasheet
169Kb / 1P
High Efficiency High Precision Buck Constant Current Driver
More results

Similar Description - MT7817CD

ManufacturerPart #DatasheetDescription
logo
Maxic Technology Corpor...
MT7815C MAXIC-MT7815C Datasheet
286Kb / 1P
PWM/Analog dimmable Non-isolated Constant Current LED Driver
MT7816C MAXIC-MT7816C Datasheet
291Kb / 1P
PWM/Analog dimmable Non-isolated Constant Current LED Driver
MT7818C MAXIC-MT7818C Datasheet
291Kb / 1P
PWM/Analog dimmable Non-isolated Constant Current LED Driver
logo
QX Micro Devices Co.,Lt...
QX7138 QXMD-QX7138 Datasheet
1Mb / 2P
PWM dimmable LED constant current driver
logo
Maxic Technology Corpor...
MT9710 MAXIC-MT9710 Datasheet
80Kb / 2P
Analog Dimmable Non-isolated Constant Current LED Driver
MT9712D MAXIC-MT9712D Datasheet
73Kb / 2P
Analog Dimmable Non-isolated Constant Current LED Driver
MT9712S MAXIC-MT9712S Datasheet
72Kb / 2P
Analog Dimmable Non-isolated Constant Current LED Driver
MT9713D MAXIC-MT9713D Datasheet
72Kb / 2P
Analog Dimmable Non-isolated Constant Current LED Driver
MT9714D MAXIC-MT9714D Datasheet
72Kb / 2P
Analog Dimmable Non-isolated Constant Current LED Driver
MT9714S MAXIC-MT9714S Datasheet
64Kb / 2P
Analog Dimmable Non-isolated Constant Current LED Driver
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com