Electronic Components Datasheet Search
  English  ▼

X  

INA186 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # INA186
Description  Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Current-Sense Amplifier
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA186 Datasheet(HTML) 21 Page - Texas Instruments

Back Button INA186 Datasheet HTML 17Page - Texas Instruments INA186 Datasheet HTML 18Page - Texas Instruments INA186 Datasheet HTML 19Page - Texas Instruments INA186 Datasheet HTML 20Page - Texas Instruments INA186 Datasheet HTML 21Page - Texas Instruments INA186 Datasheet HTML 22Page - Texas Instruments INA186 Datasheet HTML 23Page - Texas Instruments INA186 Datasheet HTML 24Page - Texas Instruments INA186 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
VS
OUT
REF
GND
IN+
IN±
LOAD
0.1 F
5 V
12 V
RSENSE ” 1 kO
INA186
21
INA186
www.ti.com
SBOS318 – APRIL 2019
Product Folder Links: INA186
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
8.2 Typical Applications
The low input bias current of the INA186 allows accurate monitoring of small-value currents. To accurately
monitor currents in the microamp range, increase the value of the sense resistor to increase the sense voltage
so that the error introduced by the offset voltage is small. The circuit configuration for monitoring low-value
currents is shown in Figure 29. As a result of the differential input impedance of the INA186, limit the value of
RSENSE to 1 kΩ or less for best accuracy.
Figure 29. Microamp Current Measurement
8.2.1 Design Requirements
The design requirements for the circuit shown in Figure 29 are listed in Table 1.
Table 1. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Power-supply voltage (VS)
5 V
Bus supply rail (VCM)
12 V
Minimum sense current (IMIN)
1 µA
Maximum sense current (IMAX)
150 µA
Device gain (GAIN)
25 V/V
Reference voltage (VREF)
0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com