Electronic Components Datasheet Search
  English  ▼

X  

INA190 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # INA190
Description  Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Precision Current-Sense Amplifier With Enable
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA190 Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA190 Datasheet HTML 6Page - Texas Instruments INA190 Datasheet HTML 7Page - Texas Instruments INA190 Datasheet HTML 8Page - Texas Instruments INA190 Datasheet HTML 9Page - Texas Instruments INA190 Datasheet HTML 10Page - Texas Instruments INA190 Datasheet HTML 11Page - Texas Instruments INA190 Datasheet HTML 12Page - Texas Instruments INA190 Datasheet HTML 13Page - Texas Instruments INA190 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
Time (250 Ps/div)
D033
VCM
VOUT
Time (250 Ps/div)
0 V
D034
Inverting Input
Output
Time (1 s/div)
D031
Time (20 Ps/div)
D032
Common-Mode Voltage (V)
-5
0
5
10
15
20
25
30
35
40
40
45
50
55
60
65
70
D029
VS = 1.8 V
VS = 5 V
Frequency (Hz)
10
20
30
40
50
60
70
80
100
10
100
1k
10k
100k
D030
10
INA190
SBOS863C – MARCH 2018 – REVISED APRIL 2019
www.ti.com
Product Folder Links: INA190
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS = 1.8 V, VIN+ = 12 V, and VREF = VS / 2, VENABLE = VS, and for all gain options (unless otherwise noted)
VS = 5.0 V
Figure 19. Quiescent Current vs Common Mode Voltage
A3 devices
Figure 20. Input-Referred Voltage Noise vs Frequency
A3 devices
Figure 21. 0.1-Hz to 10-Hz Voltage Noise (Referred-To-Input)
VS = 5.0 V, A3 devices
Figure 22. Step Response (10-mVPP Input Step)
A3 devices
Figure 23. Common-Mode Voltage Transient Response
A3 devices
Figure 24. Inverting Differential Input Overload



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com