Electronic Components Datasheet Search
  English  ▼

X  

TL7700CMPWTPSEP Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TL7700CMPWTPSEP
Description  radiation hardened supply-voltage supervisor in space enhanced plastic
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL7700CMPWTPSEP Datasheet(HTML) 13 Page - Texas Instruments

Back Button TL7700CMPWTPSEP Datasheet HTML 9Page - Texas Instruments TL7700CMPWTPSEP Datasheet HTML 10Page - Texas Instruments TL7700CMPWTPSEP Datasheet HTML 11Page - Texas Instruments TL7700CMPWTPSEP Datasheet HTML 12Page - Texas Instruments TL7700CMPWTPSEP Datasheet HTML 13Page - Texas Instruments TL7700CMPWTPSEP Datasheet HTML 14Page - Texas Instruments TL7700CMPWTPSEP Datasheet HTML 15Page - Texas Instruments TL7700CMPWTPSEP Datasheet HTML 16Page - Texas Instruments TL7700CMPWTPSEP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
30 k
Ÿ
240 k
Ÿ
2.2 k
Ÿ
TL7700-SEP
CT
510 pF
RESET
VCC
SENSE
5 V
RESET
VCC
VSS
Microcontroller
GND
13
TL7700-SEP
www.ti.com
SLVSF13 – MARCH 2019
Product Folder Links: TL7700-SEP
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The TL7700-SEP supply-voltage supervisor allows for any voltage greater than 500 mV to be monitored. This
flexibility allows it to be used in many applications from FPGAs and microcontrollers to supply monitoring.
9.2 Typical Application
Figure 21 shows an application where the TL7700-SEP device is being used to sense the voltage supply for a
microcontroller that is supplied with 5 V. If the sense voltage drops below 4.5 V, the RESET pin is pulled LOW,
signaling the microcontroller to reset.
Figure 21. 5-V Supply Voltage Supervision
9.2.1 Design Requirements
•
When the TL7700-SEP is used for system power-on reset, the output pulse duration, tpo, must be set longer
than the power rise time. The value of tpo is: tpo = Ct × 10
5 seconds.
•
The RESET output is an open-collector output, so a pullup resistor is required.
9.2.2 Detailed Design Procedure
The SENSE terminal input voltage, Vs, for TL7700-SEP is typically 500 mV. By using two external resistors, any
sense voltage over 500 mV can be sensed.
Resistor R1 should be selected first to set the desired hysteresis. See the Sense-Voltage Hysteresis Setting
section for detailed information on how to set the hysteresis.
Resistor R2 should then be selected based on the R1 value and the desired Vs' voltage. In Figure 18, the
sensing voltage, Vs', is calculated as: Vs' = Vs × (R1 + R2) / R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com