Electronic Components Datasheet Search
  English  ▼

X  

TP2114 Datasheet(PDF) 9 Page - 3PEAK INC.

Part # TP2114
Description  Nanopower 300nA, 1.8V, Rail-to-Rail Input/Output Op-amps
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TP2114 Datasheet(HTML) 9 Page - 3PEAK INC.

Back Button TP2114 Datasheet HTML 5Page - 3PEAK INC. TP2114 Datasheet HTML 6Page - 3PEAK INC. TP2114 Datasheet HTML 7Page - 3PEAK INC. TP2114 Datasheet HTML 8Page - 3PEAK INC. TP2114 Datasheet HTML 9Page - 3PEAK INC. TP2114 Datasheet HTML 10Page - 3PEAK INC. TP2114 Datasheet HTML 11Page - 3PEAK INC. TP2114 Datasheet HTML 12Page - 3PEAK INC. TP2114 Datasheet HTML 13Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9
TP2111/TP2111N/TP2112/TP2114
Nanopower 300nA, 1.8V, Rail-to-Rail Input/Output Op-amps
www.3peakic.com
REV1.0
Applications Information
Low Supply Voltage and Low Power Consumption
The TP211x family of operational amplifiers can operate with power supply voltages from 1.8V to 6.0V. Each amplifier
draws only 300nA quiescent current. The low supply voltage capability and low supply current are ideal for portable
applications demanding HIGH CAPACITIVE LOAD DRIVING CAPABILITY and CONSTANT WIDE BANDWIDTH. The
TP211x family is optimized for wide bandwidth low power applications. They have an industry leading high GBWP to
power ratio and are unity gain stable for 1,000nF capacitive load. When the load capacitance increases, the increased
capacitance at the output pushed the non-dominant pole to lower frequency in the open loop frequency response,
lowering the phase and gain margin. Higher gain configurations tend to have better capacitive drive capability than
lower gain configurations due to lower closed loop bandwidth and hence higher phase margin.
Low Input Referred Noise
The TP211x family provides a low input referred noise density of 265nV/√Hz at 1kHz. The voltage noise will grow
slowly with the frequency in wideband range, and the input voltage noise is typically 10
μV
P-P at the frequency of 0.1Hz
to 10Hz.
Low Input Offset Voltage
The TP211x family has a low offset voltage of 1.5mV maximum which is essential for precision applications. The offset
voltage is trimmed with a proprietary trim algorithm to ensure low offset voltage for precision signal processing
requirement.
Low Input Bias Current
The TP211x family is a CMOS OPA family and features very low input bias current in fA range.
The low input bias
current allows the amplifiers to be used in applications with high resistance sources.
Care must be taken to minimize
PCB Surface Leakage. See below section on “PCB Surface Leakage” for more details.
PCB Surface Leakage
In applications where low input bias current is critical, Printed Circuit Board (PCB) surface leakage effects need to be
considered. Surface leakage is caused by humidity, dust or other contamination on the board. Under low humidity
conditions, a typical resistance between nearby traces is 10
12Ω. A 5V difference would cause 5pA of current to flow,
which is greater than the TP211x
OPA’s input bias current at +27°C (±0.1fA, typical). It is recommended to use
multi-layer PCB layout and route
the OPA’s -IN and +IN signal under the PCB surface.
The effective way to reduce surface leakage is to use a guard ring around sensitive pins (or traces). The guard ring is
biased at the same voltage as the sensitive pin. An example of this type of layout is shown in Figure 1 for Inverting
Gain application.
1. For Non-Inverting Gain and Unity-Gain Buffer:
a) Connect the non-inverting pin (VIN+) to the input with a wire that does not touch the PCB surface.
b) Connect the guard ring to the inverting input pin (VIN–). This biases the guard ring to the Common Mode input voltage.
2. For Inverting Gain and Trans-impedance Gain Amplifiers (convert current to voltage, such as photo detectors):
a) Connect the guard ring to the non-inverting input pin (VIN+). This biases the guard ring to the same reference voltage as
the op-amp (e.g., VDD/2 or ground).
b) Connect the inverting pin (VIN–) to the input with a wire that does not touch the PCB surface.
VIN+
VIN-
+VS
Guard Ring
Figure 1
Ground Sensing and Rail to Rail Output
The TP211x family has excellent output drive capability, delivering over 10mA of output drive current. The output stage
is a rail-to-rail topology that is capable of swinging to within 5mV of either rail. Since the inputs can go 300mV beyond
either rail, the op-
amp can easily perform ‘true ground’ sensing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com