Electronic Components Datasheet Search
  English  ▼

X  

TP2272 Datasheet(PDF) 9 Page - 3PEAK INC.

Part # TP2272
Description  36V Single Supply, 7MHz Bandwidth, RRO Op-amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TP2272 Datasheet(HTML) 9 Page - 3PEAK INC.

Back Button TP2272 Datasheet HTML 5Page - 3PEAK INC. TP2272 Datasheet HTML 6Page - 3PEAK INC. TP2272 Datasheet HTML 7Page - 3PEAK INC. TP2272 Datasheet HTML 8Page - 3PEAK INC. TP2272 Datasheet HTML 9Page - 3PEAK INC. TP2272 Datasheet HTML 10Page - 3PEAK INC. TP2272 Datasheet HTML 11Page - 3PEAK INC. TP2272 Datasheet HTML 12Page - 3PEAK INC. TP2272 Datasheet HTML 13Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
TP2271/TP2272 / TP2274
36V Single supply, 7MHz Bandwidth, RRO Op-amps
www.3peakic.com.cn
REV C.02
are of equal length so that thermal conduction is in equilibrium. Keep heat sources on the PCB as far away from
amplifier input circuitry as is practical.
The use of a ground plane is highly recommended. A ground plane reduces EMI noise and also helps to maintain a
constant temperature across the circuit board.
½
TP2272
VIN
C1
3000pF
R2
22k
Ω
22k
Ω
R4
R1
2.7k
Ω
10k
Ω
R3
C3
100pF
VO
C2
2000pF
20
p
f
kHz
Three-Pole Low-Pass Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com