Electronic Components Datasheet Search
  English  ▼

X  

TP2302 Datasheet(PDF) 9 Page - 3PEAK INC.

Part # TP2302
Description  20MHz Bandwidth, Low Noise High Precision Op?륾mps
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TP2302 Datasheet(HTML) 9 Page - 3PEAK INC.

Back Button TP2302 Datasheet HTML 5Page - 3PEAK INC. TP2302 Datasheet HTML 6Page - 3PEAK INC. TP2302 Datasheet HTML 7Page - 3PEAK INC. TP2302 Datasheet HTML 8Page - 3PEAK INC. TP2302 Datasheet HTML 9Page - 3PEAK INC. TP2302 Datasheet HTML 10Page - 3PEAK INC. TP2302 Datasheet HTML 11Page - 3PEAK INC. TP2302 Datasheet HTML 12Page - 3PEAK INC. TP2302 Datasheet HTML 13Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
          
9 
TP2301/TP2302 / TP2304
20MHz Bandwidth, Low Noise High Precision Op‐amps
www.3peakic.com
Rev. A
PHASE REVERSAL
The TP230x op amps are designed to be immune to phase reversal when the input pins exceed the supply voltages,
therefore providing further in-system stability and predictability. Figure 2 shows the input voltage exceeding the supply
voltage without any phase reversal.
Figure 2. No Phase Reversal
EMI SUSCEPTIBILITY AND INPUT FILTERING
Operational amplifiers vary in susceptibility to electromagnetic interference (EMI). If conducted EMI enters the device,
the dc offset observed at the amplifier output may shift from the nominal value while EMI is present. This shift is a result
of signal rectification associated with the internal semiconductor junctions. While all operational amplifier pin functions
can be affected by EMI, the input pins are likely to be the most susceptible. The TP2301 operational amplifier family
incorporates an internal input low-pass filter that reduces the amplifier response to EMI. Both common-mode and
differential mode filtering are provided by the input filter. The filter is designed for a cutoff frequency of approximately
400 MHz (–3 dB), with a roll-off of 20 dB per decade.
Figure 3. TP2301 EMIRR IN+ vs Frequency
0
20
40
60
80
100
120
140
1
10
100
1000
Frequency(MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com