Electronic Components Datasheet Search
  English  ▼

X  

TP2334 Datasheet(PDF) 9 Page - 3PEAK INC.

Part # TP2334
Description  1.6MHz Bandwidth, Low Noise Precision Op?륾mps
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TP2334 Datasheet(HTML) 9 Page - 3PEAK INC.

Back Button TP2334 Datasheet HTML 5Page - 3PEAK INC. TP2334 Datasheet HTML 6Page - 3PEAK INC. TP2334 Datasheet HTML 7Page - 3PEAK INC. TP2334 Datasheet HTML 8Page - 3PEAK INC. TP2334 Datasheet HTML 9Page - 3PEAK INC. TP2334 Datasheet HTML 10Page - 3PEAK INC. TP2334 Datasheet HTML 11Page - 3PEAK INC. TP2334 Datasheet HTML 12Page - 3PEAK INC. TP2334 Datasheet HTML 13Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
          
9 
TP2331/TP2332 / TP2334
1.6MHz Bandwidth, Low Noise Precision Op‐amps
www.3peakic.com
Rev. A
Input ESD Diode Protection
The TP2331 incorporates internal electrostatic discharge (ESD) protection circuits on all pins. In the case of input and
output pins, this protection primarily consists of current-steering diodes connected between the input and power-supply
pins. These ESD protection diodes also provide in-circuit input overdrive protection, as long as the current is limited to
10 mA as stated in the Absolute Maximum Ratings table. Many input signals are inherently current-limited to less than
10 mA; therefore, a limiting resistor is not required. Figure 2 shows how a series input resistor (RS) may be added to
the driven input to limit the input current. The added resistor contributes thermal noise at the amplifier input and the
value should be kept to the minimum in noise-sensitive applications.
IN+
IN-
V+
V-
500Ω
500Ω
INPUT ESD DIODE CURRENT LIMITING- UNITY GAIN
 
Figure2. Input ESD Diode
EMI Susceptibility and Input Filtering
Operational amplifiers vary in susceptibility to electromagnetic interference (EMI). If conducted EMI enters the device,
the dc offset observed at the amplifier output may shift from the nominal value while EMI is present. This shift is a result
of signal rectification associated with the internal semiconductor junctions. While all operational amplifier pin functions
can be affected by EMI, the input pins are likely to be the most susceptible. The TP2331 operational amplifier family
incorporates an internal input low-pass filter that reduces the amplifier response to EMI. Both common-mode and
differential mode filtering are provided by the input filter. The filter is designed for a cutoff frequency of approximately
400 MHz (–3 dB), with a roll-off of 20 dB per decade.
Figure 3. TP2331 EMIRR IN+ vs Frequency
0
20
40
60
80
100
120
140
10
100
1000
10000
Frequency (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com