Electronic Components Datasheet Search
  English  ▼

X  

TMP117AIDRVT Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TMP117AIDRVT
Description  high-accuracy, low-power, digital temperature sensor with SMBus- and I2C-compatible interface
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP117AIDRVT Datasheet(HTML) 39 Page - Texas Instruments

Back Button TMP117AIDRVT Datasheet HTML 35Page - Texas Instruments TMP117AIDRVT Datasheet HTML 36Page - Texas Instruments TMP117AIDRVT Datasheet HTML 37Page - Texas Instruments TMP117AIDRVT Datasheet HTML 38Page - Texas Instruments TMP117AIDRVT Datasheet HTML 39Page - Texas Instruments TMP117AIDRVT Datasheet HTML 40Page - Texas Instruments TMP117AIDRVT Datasheet HTML 41Page - Texas Instruments TMP117AIDRVT Datasheet HTML 42Page - Texas Instruments TMP117AIDRVT Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 51 page
background image
39
TMP117
www.ti.com
SNOSD82B – JUNE 2018 – REVISED MARCH 2019
Product Folder Links: TMP117
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
11 Device and Documentation Support
11.1 Documentation Support
11.1.1 Related Documentation
For related documentation see the following:
•
TMPx75 temperature sensor with I2C and SMBus interface in industry standard LM75 form factor and pinout
(SBOS288)
•
TMP275 ±0.5°C temperature sensor with I2C and SMBus interface in industry standard LM75 form factor and
pinout (SBOS363)
•
TMP116 ambient air temperature measurement (SNOA966)
•
Replacing resistance temperature detectors with the TMP116 temp sensor (SNOA969)
•
Temperature sensors: PCB guidelines for surface mount devices (SNOA967)
•
Precise temperature measurements with TMP116 (SNOA986)
•
Wearable temperature-sensing layout considerations optimized for thermal response (SNIA021)
11.2 Receiving Notification of Documentation Updates
To receive notification of documentation updates, navigate to the device product folder on ti.com. In the upper
right corner, click on Alert me to register and receive a weekly digest of any product information that has
changed. For change details, review the revision history included in any revised document.
11.3 Community Resources
The following links connect to TI community resources. Linked contents are provided "AS IS" by the respective
contributors. They do not constitute TI specifications and do not necessarily reflect TI's views; see TI's Terms of
Use.
TI E2E™ Online Community TI's Engineer-to-Engineer (E2E) Community. Created to foster collaboration
among engineers. At e2e.ti.com, you can ask questions, share knowledge, explore ideas and help
solve problems with fellow engineers.
Design Support TI's Design Support Quickly find helpful E2E forums along with design support tools and
contact information for technical support.
11.4 Trademarks
E2E is a trademark of Texas Instruments.
SMBus is a trademark of Intel Corporation.
All other trademarks are the property of their respective owners.
11.5 Electrostatic Discharge Caution
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
11.6 Glossary
SLYZ022 — TI Glossary.
This glossary lists and explains terms, acronyms, and definitions.
12 Mechanical, Packaging, and Orderable Information
The following pages include mechanical, packaging, and orderable information. This information is the most
current data available for the designated devices. This data is subject to change without notice and revision of
this document. For browser-based versions of this data sheet, refer to the left-hand navigation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com