Electronic Components Datasheet Search
  English  ▼

X  

IP175GI Datasheet(PDF) 40 Page - List of Unclassifed Manufacturers

Part # IP175GI
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP175GI Datasheet(HTML) 40 Page - List of Unclassifed Manufacturers

Back Button IP175GI Datasheet HTML 36Page - List of Unclassifed Manufacturers IP175GI Datasheet HTML 37Page - List of Unclassifed Manufacturers IP175GI Datasheet HTML 38Page - List of Unclassifed Manufacturers IP175GI Datasheet HTML 39Page - List of Unclassifed Manufacturers IP175GI Datasheet HTML 40Page - List of Unclassifed Manufacturers IP175GI Datasheet HTML 41Page - List of Unclassifed Manufacturers IP175GI Datasheet HTML 42Page - List of Unclassifed Manufacturers IP175GI Datasheet HTML 43Page - List of Unclassifed Manufacturers IP175GI Datasheet HTML 44Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 69 page
background image
IP175G/GI/GH/GHI
Data Sheet
40 / 69
November 27, 2012
Copyright © 2012, IC Plus Corp.
IP175Gx-DS-R01.3
MMD register 7.61 of PHY0~4 (Each PHY has its own MMD register 7.61 with different PHY address)
PHY
MII
R/W
Description
Default
EEE link partner ability
7.61[15:7]
RO
Reserved
Ignore when read
0
7.61.6
RO
10GBASE-KR EEE
1 = Link partner is advertising EEE capability for 10GBASE-KR
0 = Link partner is not advertising EEE capability for 10GBASE-KR
0
7.61.5
RO
10GBASE-KX4 EEE
1 = Link partner is advertising EEE capability for 10GBASE-KX4
0 = Link partner is not advertising EEE capability for 10GBASE-KX4
0
7.61.4
RO
1000BASE-KX EEE
1 = Link partner is advertising EEE capability for 1000BASE-KX
0 = Link partner is not advertising EEE capability for 1000BASE-KX
0
7.61.3
RO
10GBASE-T EEE
1 = Link partner is advertising EEE capability for 10GBASE-T
0 = Link partner is not advertising EEE capability for 10GBASE-T
0
7.61.2
RO
1000BASE-T EEE
1 = Link partner is advertising EEE capability for 1000BASE-T
0 = Link partner is not advertising EEE capability for 1000BASE-T
0
7.61.1
RO
100BASE-TX EEE
1 = Link partner is advertising EEE capability for 100BASE-TX
0 = Link partner is not advertising EEE capability for 100BASE-TX
0
2
3
4
6
7
7.61.0
RO
Reserved
Ignore when read
0
The other Registers are reserved registers. User is inhibited to access to these registers. It may
introduce abnormal function to write these registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com