Electronic Components Datasheet Search
  English  ▼

X  

AH513 Datasheet(PDF) 2 Page - NANJING AH ELECTRONICS CO., LTD

Part # AH513
Description  Latch Type Hall Sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AHNJ [NANJING AH ELECTRONICS CO., LTD]
Direct Link  https://www.ahest.net/
Logo AHNJ - NANJING AH ELECTRONICS CO., LTD

AH513 Datasheet(HTML) 2 Page - NANJING AH ELECTRONICS CO., LTD

  AH513 Datasheet HTML 1Page - NANJING AH ELECTRONICS CO., LTD AH513 Datasheet HTML 2Page - NANJING AH ELECTRONICS CO., LTD AH513 Datasheet HTML 3Page - NANJING AH ELECTRONICS CO., LTD AH513 Datasheet HTML 4Page - NANJING AH ELECTRONICS CO., LTD AH513 Datasheet HTML 5Page - NANJING AH ELECTRONICS CO., LTD AH513 Datasheet HTML 6Page - NANJING AH ELECTRONICS CO., LTD AH513 Datasheet HTML 7Page - NANJING AH ELECTRONICS CO., LTD AH513 Datasheet HTML 8Page - NANJING AH ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
锁定型霍尔传感器 AH513
2 / 8
南京艾驰电子科技有限公司 NANJING AH ELECTRONIC SCIENCE & TECHNOLOGY CO.,LTD
ADD:南京市江宁区东麒路 33 号国际研发园 B 幢 202-2 室
TEL :86-25-84609021
FAX:86-25-84670370
E-mail:nianrong@ahest.com
Web: www.ahest.com
◆ 特 点
额定工作电压 4.5 V~24 V,极限电压低至 3.5 V;
工作温度范围 -55℃~150℃;
额定输出(沉)电流 25 mA,最大输出(沉)电流 50 mA;
开关响应时间约 1μs,工作频率 DC~100 kHz;
工作点和释放点温度漂移小;
无机械触点、无电火花,开关信号稳定,无瞬间颤抖,可靠性和安全性高;
产品符合欧盟 RoHS 指令 2011/65/ EU 和 REACH 法规 1907/2006/EU 的要求。



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com