Electronic Components Datasheet Search
  English  ▼

X  

AH3012 Datasheet(PDF) 2 Page - NANJING AH ELECTRONICS CO., LTD

Part # AH3012
Description  Latch Type Hall sensor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AHNJ [NANJING AH ELECTRONICS CO., LTD]
Direct Link  https://www.ahest.net/
Logo AHNJ - NANJING AH ELECTRONICS CO., LTD

AH3012 Datasheet(HTML) 2 Page - NANJING AH ELECTRONICS CO., LTD

  AH3012 Datasheet HTML 1Page - NANJING AH ELECTRONICS CO., LTD AH3012 Datasheet HTML 2Page - NANJING AH ELECTRONICS CO., LTD AH3012 Datasheet HTML 3Page - NANJING AH ELECTRONICS CO., LTD AH3012 Datasheet HTML 4Page - NANJING AH ELECTRONICS CO., LTD AH3012 Datasheet HTML 5Page - NANJING AH ELECTRONICS CO., LTD AH3012 Datasheet HTML 6Page - NANJING AH ELECTRONICS CO., LTD AH3012 Datasheet HTML 7Page - NANJING AH ELECTRONICS CO., LTD AH3012 Datasheet HTML 8Page - NANJING AH ELECTRONICS CO., LTD AH3012 Datasheet HTML 9Page - NANJING AH ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Latch Type Hall Sensor AH3012
2 / 9
南京艾驰电子科技有限公司 NANJING AH ELECTRONIC SCIENCE & TECHNOLOGY CO.,LTD
ADD:南京市江宁区东麒路 33 号国际研发园 B 幢 202-2 室 Room 202-2, Bldg B, 33, Dongqi Road, Nanjing, 211103
TEL:86-25-84609021FAX:86-25-84670370
E-mail:nianrong@ahest.com
Web: www.ahest.com
◆ Features
 Rated working voltage 4.5 V ~ 24 V, the limit voltages as low as 3.5 V;
 Operating temperature range: -55℃ ~ 150℃;
Rated output current(sink) : 25 mA, the maximum output current(sink): 50 mA
 Switch response time is about 1μs, the operating frequency DC ~ 100 kHz;
 Small temperature drift between operating point and release point;
 No mechanical contact, no spark, switch signal stability, no shaking moment, high
reliability and safety;
 Products meet the EU RoHS instruction 2011/65 / EU and REACH regulations
1907/2006 / EU requirements



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com