Electronic Components Datasheet Search
  English  ▼

X  

MSM6948 Datasheet(PDF) 7 Page - OKI electronic componets

Part # MSM6948
Description  1200 bps Single Chip MSK Modem
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6948 Datasheet(HTML) 7 Page - OKI electronic componets

Back Button MSM6948 Datasheet HTML 3Page - OKI electronic componets MSM6948 Datasheet HTML 4Page - OKI electronic componets MSM6948 Datasheet HTML 5Page - OKI electronic componets MSM6948 Datasheet HTML 6Page - OKI electronic componets MSM6948 Datasheet HTML 7Page - OKI electronic componets MSM6948 Datasheet HTML 8Page - OKI electronic componets MSM6948 Datasheet HTML 9Page - OKI electronic componets MSM6948 Datasheet HTML 10Page - OKI electronic componets MSM6948 Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
¡ Semiconductor
MSM6948/6948V
7/13
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Condition
Rating
Unit
Power Supply Voltage
VDD
–0.3 to 7.0
V
Analog Input Voltage *1
VIA
–0.3 to VDD + 0.3
Digital Input Voltage *2
VID
–0.3 to VDD + 0.3
Operating Temperature
Top
–25 to 70
Storage Temperature
TSTG
–55 to 150
Ta = 25°C
With respect to AG and DG
—
—
°C
*1 TI, AI
*2 ME, SD, CF, CT, FT
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Condition
Typ.
Unit
Operating Temperature
Min.
Max.
VDD
With respect to AG and DG
5
4.75
5.25
AG, DG
—
0
——
Power Supply Voltage
V
Top
—25
–25
70
°C
Crystal Resonant Frequency
fX' TAL
—
3.6864
3.6860
3.6868
MHz
Data Speed
TS
—
1200
—
—
bit/sec
C1
—
2.2
——
C2, C6
—
0.1
——
C3
—
0.047
——
mF
C4
RLX ≥ 100 kW
0.01
——
C5
—
0.047
——
25 ±5°C
—
–100
+100
Frequency Deviation
At –40°C to +85°C
—
–100
+100
ppm
Temperature
Characteristics
—
—
100
W
Equivalent Series
Resistance
16
——
pF
Load Capacitance
—
—
—
—
—
—
—
—
—
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com