Electronic Components Datasheet Search
  English  ▼

X  

MA7023P3 Datasheet(PDF) 1 Page - Major-Power Technology Co., LTD.

Part # MA7023P3
Description  Single Output Hall Effect Latch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA7023P3 Datasheet(HTML) 1 Page - Major-Power Technology Co., LTD.

  MA7023P3 Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA7023P3 Datasheet HTML 2Page - Major-Power Technology Co., LTD. MA7023P3 Datasheet HTML 3Page - Major-Power Technology Co., LTD. MA7023P3 Datasheet HTML 4Page - Major-Power Technology Co., LTD. MA7023P3 Datasheet HTML 5Page - Major-Power Technology Co., LTD. MA7023P3 Datasheet HTML 6Page - Major-Power Technology Co., LTD. MA7023P3 Datasheet HTML 7Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
MA7023
Major Power Technology Co., Ltd.
Rev.1.4 Nov.16, 2017
Single Output Hall Effect Latch
GENERAL DESCRIPTION
MA7023 is an integrated Hall-Effect latch sensor with pull-up resistor designed for electronic
commutation of brush-less DC motor applications. The device is using HV BCD process
includes an on-chip Hall voltage generator for magnetic sensing, a comparator that amplifies
the Hall voltage, and a Schmitt trigger to provide switching hysteresis for noise rejection, and
open-collector output. An internal band-gap regulator is used to provide temperature
compensated supply voltage for internal circuits and allows a wide operating supply range.
If a magnetic flux density larger than threshold Bop, OUT is turned on(low). The output state
is held until a magnetic flux density reversal falls below Brp causing OUT to be turned off
(high).
FEATURES
-
2.5V to 26V DC operation voltage
-
Temperature compensation
-
Wide operating voltage range
-
Open-Drain pre-driver
-
25mA maximum sinking output current.
-
Low Profile SOT23-3L and SIP-3L(TO-92S) Package( Green and Lead Free )
PIN ASSIGNMENT
The package of MA7023 are SOT23-3L and SIP-3L ; the pin assignment is given by:
VDD
OUT
(Top View)
GND
1
VDD
2
GND
3
OUT
(Top View)
MA7023
SIP-3L
MA7023
2
3
1
SOT23-3L
Name
Description
VDD
Supply Voltage
OUT
Output
GND Ground.


Similar Part No. - MA7023P3

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MA702 MPS-MA702 Datasheet
1Mb / 17P
MagAlpha Communication Kit
MA702 MPS-MA702 Datasheet
879Kb / 11P
Rotary Knob Kit for the MagAlpha
MA702 MPS-MA702 Datasheet
879Kb / 11P
Rotary Knob Kit for the MagAlpha
logo
Major-Power Technology ...
MA7020 MPOWER-MA7020 Datasheet
445Kb / 9P
Single Output Hall Effect Latch
MA7020P3 MPOWER-MA7020P3 Datasheet
445Kb / 9P
Single Output Hall Effect Latch
More results

Similar Description - MA7023P3

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
ATS177 ANACHIP-ATS177 Datasheet
193Kb / 6P
Single Output Hall Effect Latch
Rev.A6 Jun 23, 2004
logo
Unisonic Technologies
U652 UTC-U652 Datasheet
132Kb / 3P
SINGLE OUTPUT HALL EFFECT LATCH
logo
Diodes Incorporated
ATS177 DIODES-ATS177 Datasheet
149Kb / 8P
SINGLE OUTPUT HALL EFFECT LATCH
ATS177 Rev. 1
ATS177 DIODES-ATS177_10 Datasheet
170Kb / 9P
SINGLE OUTPUT HALL EFFECT LATCH
DS31055 Rev. 6 - 2
logo
Unisonic Technologies
U651 UTC-U651_15 Datasheet
137Kb / 3P
SINGLE OUTPUT HALL EFFECT LATCH
logo
Major-Power Technology ...
MA7021 MPOWER-MA7021 Datasheet
396Kb / 8P
Single Output Hall Effect Latch
MA177 MPOWER-MA177 Datasheet
231Kb / 5P
Single Output Hall Effect Latch
MA177H MPOWER-MA177H Datasheet
111Kb / 2P
Single Output Hall Effect Latch
Rev.1.1
MA7024 MPOWER-MA7024 Datasheet
123Kb / 2P
Single Output Hall Effect Latch
Rev.1.2
MA7026 MPOWER-MA7026 Datasheet
116Kb / 2P
Single Output Hall Effect Latch
Rev.1.0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com