Electronic Components Datasheet Search
  English  ▼

X  

MA7150FPA Datasheet(PDF) 7 Page - Major-Power Technology Co., LTD.

Part # MA7150FPA
Description  Low Noise & Low voltage Single-Coil Fan/Motor Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA7150FPA Datasheet(HTML) 7 Page - Major-Power Technology Co., LTD.

  MA7150FPA Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA7150FPA Datasheet HTML 2Page - Major-Power Technology Co., LTD. MA7150FPA Datasheet HTML 3Page - Major-Power Technology Co., LTD. MA7150FPA Datasheet HTML 4Page - Major-Power Technology Co., LTD. MA7150FPA Datasheet HTML 5Page - Major-Power Technology Co., LTD. MA7150FPA Datasheet HTML 6Page - Major-Power Technology Co., LTD. MA7150FPA Datasheet HTML 7Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7/7
MA7150F/R
Major Power Technology Co., Ltd.
Rev.1.0 Sep.18, 2017
2. SOT23-5F
D
e
e1
b
1.1mm
c
Symbol
Dimensions in Millimeters
Dimensions in Inches
Min.
Nom.
Max.
Min.
Nom.
Max.
A2
0.85
1.00
1.15
0.033
0.039
0.045
b
0.30
0.40
0.55
0.012
-
0.020
c
0.08
-
0.22
0.003
-
0.009
D
2.70
2.90
3.10
0.106
1.114
0.122
E1
1.40
1.60
1.80
0.055
0.063
0.071
E
3.90
4.10
4.25
0.153
0.161
0.167
e1
1.90BSC
0.075BSC
e
0.95BSC
0.037BSC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com