Electronic Components Datasheet Search
  English  ▼

X  

SP4533 Datasheet(PDF) 1 Page - Shenzhen Tianyuan Semiconductor Co., Ltd.

Part # SP4533
Description  1A synchronous mobile power solution
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TPOWER [Shenzhen Tianyuan Semiconductor Co., Ltd.]
Direct Link  http://www.tpower-ic.com/
Logo TPOWER - Shenzhen Tianyuan Semiconductor Co., Ltd.

SP4533 Datasheet(HTML) 1 Page - Shenzhen Tianyuan Semiconductor Co., Ltd.

  SP4533 Datasheet HTML 1Page - Shenzhen Tianyuan Semiconductor Co., Ltd. SP4533 Datasheet HTML 2Page - Shenzhen Tianyuan Semiconductor Co., Ltd. SP4533 Datasheet HTML 3Page - Shenzhen Tianyuan Semiconductor Co., Ltd. SP4533 Datasheet HTML 4Page - Shenzhen Tianyuan Semiconductor Co., Ltd. SP4533 Datasheet HTML 5Page - Shenzhen Tianyuan Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SP4533
1A 同步移动电源方案
Ver1.1
TPOWER Semiconductor
1
深圳市天源中芯半导体有限公司
1
概述
SP4533 是一款专为移动电源设计的同步升压的单芯片解
决方案,内部集成了线性充电管理模块、同步放电管理模块、
电量检测与 LED 指示模块、保护模块。
SP4533 内置充电与放电功率 MOS,充电电流固定为 1A,
同步升压支持 1A 输出电流。
SP4533 内部集成了温度补偿、过温保护、过充与过放保护、
输出过压保护、输出重载保护、输出短路保护等多重安全
保护功能以保证芯片和锂离子电池的安全,应用电路简单,
只需很少元件便可实现充电管理与放电管理。
特点
 放电输出:5V/1A
 充电电流: 1A
 1A 输出放电效率高达 92%
 BAT 放电终止电压:2.85V
 外部引脚可选 4.2V/4.35V 充电电压
 智能温度控制与过温保护
 集成输出过压保护、短路保护、重载保护
 集成过充与过放保护
 支持涓流模式以及零电压充电
 支持手电筒输出
 封装形式:ESOP8
应用
 移动电源
典型应用电路


Similar Part No. - SP4533

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
SP45001 SIPAT-SP45001 Datasheet
155Kb / 4P
450MHz Low-loss SAW Filter 45MHz Bandwidth
logo
Sipex Corporation
SP4501 SIPEX-SP4501 Datasheet
137Kb / 13P
EL Plus Piezo Driver
SP4501EN SIPEX-SP4501EN Datasheet
137Kb / 13P
EL Plus Piezo Driver
SP4501EY SIPEX-SP4501EY Datasheet
137Kb / 13P
EL Plus Piezo Driver
SP4501NEB SIPEX-SP4501NEB Datasheet
137Kb / 13P
EL Plus Piezo Driver
More results

Similar Description - SP4533

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tianyuan Semic...
TP4301B TPOWER-TP4301B Datasheet
721Kb / 7P
1.5A synchronous mobile power solution
SP4566 TPOWER-SP4566 Datasheet
277Kb / 6P
1A synchronous mobile power solution
TP4333 TPOWER-TP4333 Datasheet
330Kb / 5P
1A synchronous mobile power solution
TP4351B TPOWER-TP4351B Datasheet
720Kb / 7P
1A synchronous mobile power solution
TP4366 TPOWER-TP4366 Datasheet
345Kb / 6P
1A synchronous mobile power solution
logo
Shenzhen Huazhimei Semi...
HM5920 HMSEMI-HM5920 Datasheet
422Kb / 5P
1A synchronous mobile power solution
HM5920A HMSEMI-HM5920A Datasheet
452Kb / 6P
1A synchronous mobile power solution
HM5921 HMSEMI-HM5921 Datasheet
503Kb / 5P
1A synchronous mobile power solution
HM5921A HMSEMI-HM5921A Datasheet
382Kb / 6P
1A synchronous mobile power solution
logo
Shenzhen Tianyuan Semic...
TP4366E TPOWER-TP4366E Datasheet
317Kb / 6P
1A synchronous mobile power solution
Ver1.4
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com