Electronic Components Datasheet Search
  English  ▼

X  

TP4054 Datasheet(PDF) 3 Page - Shenzhen Tianyuan Semiconductor Co., Ltd.

Part # TP4054
Description  600mA lithium battery charger
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TPOWER [Shenzhen Tianyuan Semiconductor Co., Ltd.]
Direct Link  http://www.tpower-ic.com/
Logo TPOWER - Shenzhen Tianyuan Semiconductor Co., Ltd.

TP4054 Datasheet(HTML) 3 Page - Shenzhen Tianyuan Semiconductor Co., Ltd.

  TP4054 Datasheet HTML 1Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP4054 Datasheet HTML 2Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP4054 Datasheet HTML 3Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP4054 Datasheet HTML 4Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP4054 Datasheet HTML 5Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP4054 Datasheet HTML 6Page - Shenzhen Tianyuan Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TP4054
600mA 锂电池充电器
V2.2
ShenZhen TPOWER Semiconductor
3
电气参数(注 2,3)
无特殊说明, VIN=12V,Ta=25℃
符号
参数
测试条件
最小值
典型值
最大值
单位
VCC
输入电源电压
4.0
5
6
V
VFLOAT
输出浮充电压
0℃
≤TA≤85℃
4.158
4.2
4.242
V
IC
恒流充电电流
RPROG=2K,电流模式
450
500
550
mA
ITRIKL
涓流充电电流
VBAT<VTRIKL,RPROG=2K
40
60
80
mA
IBAT
BAT 电流
待机模式(V
CC=5V,VBAT=4.2V)
3
5
μA
睡眠模式,V
CC=0
3
5
μA
VTRIKL
涓流充电阈值电压
RPROG=2K,VBAT 上升
2.8
2.9
3.0
V
VTRHYS
涓流充电迟滞电压
RPROG=2K
60
80
100
mV
VUV
VCC 欠压保护阈值电压
VCC 上升
3.5
3.7
3.9
V
VUVHYS
VCC 欠压保护迟滞电压
VCC 下降
0.1
V
VASD
VCC-VBAT 阈值电压
VCC 上升
60
100
140
mV
VCC 下降
5
30
50
mV
RPROG=2K
40
60
80
mA
VPROG
PROG 引脚电压
RPROG=2K,电流模式
0.9
1.0
1.1
V
VCHRG
CHRG引脚输出低电压
ICHRG=5 mA
0.3
0.6
V
ΔVRECHRG
再充电电池阈值电压
VFLOAT-VRECHRG
70
100
150
mV
TLIM
限定温度模式结温
115
℃
RON
功率 FET 导通电阻
800
mΩ
TRECHRG
再充电比较器滤波时间
VBAT 下降
1
2
3
mS
TTERM
结束比较器滤波时间
IBAT 降至 ICHG/10 以下
1
2
3
mS
注 2:典型参数值为 25℃条件下测得的标准参数值。
注 3:规格书的最小、最大规范范围由测试保证,典型值由设计、测试或统计分析保证。



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com