Electronic Components Datasheet Search
  English  ▼

X  

RFHA1023 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RFHA1023
Description  225W GaN Wideband Pulsed Power Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFHA1023 Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RFHA1023 Datasheet HTML 2Page - RF Micro Devices RFHA1023 Datasheet HTML 3Page - RF Micro Devices RFHA1023 Datasheet HTML 4Page - RF Micro Devices RFHA1023 Datasheet HTML 5Page - RF Micro Devices RFHA1023 Datasheet HTML 6Page - RF Micro Devices RFHA1023 Datasheet HTML 7Page - RF Micro Devices RFHA1023 Datasheet HTML 8Page - RF Micro Devices RFHA1023 Datasheet HTML 9Page - RF Micro Devices RFHA1023 Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS131021
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
6 of 10
RFHA1023
Evaluation Board Schematic
Evaluation Board Bill of Materials (BOM)
Item
Value
Manufacturer
Manufacturer’s P/N
R1,R4
10Ω
Panasonic
ERJ-8GEYJ100V
R2
0
Ω
Panasonic
ERJ-8GEY0R00
R3
51
Ω
Panasonic
ERJ-8GEYJ510
C1, C2, C11, C12
150pF
Dielectric Labs
C11CF151J-9ZN-X0V
C17
56pF
ATC
ATC800A560JT
C5
0.1µF
Panasonic
ECJ-2VB1H104K
C6, C15
10000pF
Panasonic
ECJ-2VB1H103K
C16
0.1µF
Panasonic
ECJ-2VB1H104K
C8, C18
10µF
Panasonic
ECA-2AM100
C20
3.3pF
ATC
ATC100B3R3BT
C21
1.5pF
ATC
ATC100B1R5BT
C22
0.3pF
ATC
ATC100B0R3BT
L1, L2
68nH
Coilcraft
1812SMS-68NJLB
L20, L21
115
Ω 10A
Steward
28F0181-1SR-10
L22, L23
75
Ω, 10A
Steward
35F0121-1SR-10
C3, C4, C7, C12, C14, C19
NOT POPULATED
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com