Electronic Components Datasheet Search
  English  ▼

X  

TOP221 Datasheet(PDF) 3 Page - Power Integrations, Inc.

Part # TOP221
Description  Three-Terminal Off-Line PWM Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP221 Datasheet(HTML) 3 Page - Power Integrations, Inc.

  TOP221 Datasheet HTML 1Page - Power Integrations, Inc. TOP221 Datasheet HTML 2Page - Power Integrations, Inc. TOP221 Datasheet HTML 3Page - Power Integrations, Inc. TOP221 Datasheet HTML 4Page - Power Integrations, Inc. TOP221 Datasheet HTML 5Page - Power Integrations, Inc. TOP221 Datasheet HTML 6Page - Power Integrations, Inc. TOP221 Datasheet HTML 7Page - Power Integrations, Inc. TOP221 Datasheet HTML 8Page - Power Integrations, Inc. TOP221 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Rev. G 08/16
3
TOP221-227
www.power.com
TOPSwitch-II Family Functional Description
TOPSwitch is a self biased and protected linear control cur-
rent-to-duty cycle converter with an open drain output. High
efficiency is achieved through the use of CMOS and integra-
tion of the maximum number of functions possible. CMOS
process significantly reduces bias currents as compared to
bipolar or discrete solutions. Integration eliminates external
power resistors used for current sensing and/or supplying
initial start-up bias current.
During normal operation, the duty cycle of the internal output
MOSFET decreases linearly with increasing CONTROL pin
current as shown in Figure 4. To implement all the required
control, bias, and protection functions, the DRAIN and CON-
TROL pins each perform several functions as described
below. Refer to Figure 2 for a block diagram and to Figure 6
for timing and voltage waveforms of the TOPSwitch inte-
grated circuit.
PI-2040-050197
DMAX
DMIN
IC (mA)
2.0
6.0
Slope = PWM Gain
IB
ICD1
Auto-restart
Figure 4. Relationship of Duty Cycle to CONTROL Pin Current.
DRAIN
0
VIN
VC
0
4.7 V
5.7 V
DRAIN
0
VIN
VC
0
4.7 V
5.7 V
CT is the total external capacitance
connected to the CONTROL pin
Figure 5. Start-up Waveforms for (a) Normal Operation and (b) Auto-restart.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com