Electronic Components Datasheet Search
  English  ▼

X  

AP6356 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # AP6356
Description  2x2 WiFi Bluetooth4.1 Module Spec Sheet
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP6356 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button AP6356 Datasheet HTML 9Page - List of Unclassifed Manufacturers AP6356 Datasheet HTML 10Page - List of Unclassifed Manufacturers AP6356 Datasheet HTML 11Page - List of Unclassifed Manufacturers AP6356 Datasheet HTML 12Page - List of Unclassifed Manufacturers AP6356 Datasheet HTML 13Page - List of Unclassifed Manufacturers AP6356 Datasheet HTML 14Page - List of Unclassifed Manufacturers AP6356 Datasheet HTML 15Page - List of Unclassifed Manufacturers AP6356 Datasheet HTML 16Page - List of Unclassifed Manufacturers AP6356 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
AP6356 Datasheet
AMPAK Technology Inc.
www.ampak.com.tw
Proprietary & Confidential Information
Doc. NO:
11
- MCS=8, NSS1 PER @ -68 dBm, typical
- MCS=9, NSS1 PER @ -66 dBm, typical
- MCS=0, NSS2 PER @ -87 dBm, typical
- MCS=9, NSS2 PER @ -62 dBm, typical
Maximum Input Level
802.11b : -10 dBm
802.11g/n : -20 dBm
Antenna Reference
Small antennas with 0~2 dBi peak gain
5.2 5GHz RF Specification
Conditions : VBAT=3.6V ; VDDIO=3.3V ; Temp:25°C
Feature
Description
WLAN Standard
IEEE 802.11a/n 2x2, WiFi compliant
Frequency Range
4.900 GHz ~ 5.845 GHz (5.0 GHz ISM Band)
Number of Channels
5.0GHz:Please see the table1
Modulation
802.11a : OFDM /64-QAM,16-QAM, QPSK, BPSK
802.11n : OFDM /64-QAM,16-QAM, QPSK, BPSK
802.11ac : OFDM /256-QAM
Output Power
802.11a /54Mbps : 13 dBm ± 1.5 dB @ EVM
 -25dB
802.11n /MCS7 : 12 dBm ± 1.5 dB @ EVM
 -28dB
802.11ac /MCS9 : 10 dBm ± 1.5 dB @ EVM
 -32dB
SISO Receive Sensitivity
(11a,20MHz) @10% PER
-
6Mbps
PER @ -90 dBm, typical
-
9Mbps
PER @ -89 dBm, typical
- 12Mbps
PER @ -88 dBm, typical
- 18Mbps
PER @ -85 dBm, typical
- 24Mbps
PER @ -82 dBm, typical
- 36Mbps
PER @ -79 dBm, typical
- 48Mbps
PER @ -74 dBm, typical
- 54Mbps
PER @ -72 dBm, typical



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com