Electronic Components Datasheet Search
  English  ▼

X  

ALTADS3 Datasheet(PDF) 2 Page - VIA Technologies, Inc.

Part # ALTADS3
Description  Edge AI Solutions
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

ALTADS3 Datasheet(HTML) 2 Page - VIA Technologies, Inc.

  ALTADS3 Datasheet HTML 1Page - VIA Technologies, Inc. ALTADS3 Datasheet HTML 2Page - VIA Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
* All product specifications are subject to change without notice. Update: Jan. 4, 2019.
www.viatech.com
Front Panel External I/O
Back Panel External I/O
Packing List
Items
ALTA DS 3 system
Stand holder
AC-to-DC adapter
USA Power cord
Wi-Fi antenna
Dimensions
118
25
Unit: mm
USB 3.0
Mic-in
Power
Button
SD Card Slot
Line-out
Ordering Information
Part Number
SoC Frequency
Description
ALTADS30VA001-T
(US Only)
Qualcomm® APQ8096SG
Embedded Processor @
2.342GHz/1.593GHz
Android system with 2.342GHz Qualcomm® APQ8096SG Embedded Processor, 16GB eMMC,
4GB POP LPDDR4 RAM, 2 HDMI, 3 USB 3.0, Mini USB 2.0, Gigabit Ethernet, Wi-Fi, Bluetooth 4.1,
SD card slot, M.2 slot, SIM card slot, miniPCIe slot, Stand holder, US power cord, 12V DC-in
ALTADS30VA002-T
Qualcomm® APQ8096SG
Embedded Processor @
2.342GHz/1.593GHz
Android system with 2.342GHz Qualcomm® APQ8096SG Embedded Processor, 16GB eMMC,
4GB POP LPDDR4 RAM, 2 HDMI, 3 USB 3.0, Mini USB 2.0, Gigabit Ethernet, SD card slot, M.2
slot, SIM card slot, miniPCIe slot, Stand holder, US power cord, 12V DC-in
Ethernet
USB 3.0
DC-in
HDMI
Mini USB 2.0
(fastboot mode only)
Kensington Lock
Antenna Hole
Optional Accessories
Wireless Accessories
Part Number
Description
EMIO-2573-00A0
Quectel EC25-A 4G/LTE mobile broadband full size miniPCIe module for USA with assembly kit and antenna pack
Mounting Options
Part Number
Description
VT6076-C0000A1
VESA mount cradle



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com