Electronic Components Datasheet Search
  English  ▼

X  

EDGEAI Datasheet(PDF) 1 Page - VIA Technologies, Inc.

Part # EDGEAI
Description  SOM Modules
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

EDGEAI Datasheet(HTML) 1 Page - VIA Technologies, Inc.

  EDGEAI Datasheet HTML 1Page - VIA Technologies, Inc. EDGEAI Datasheet HTML 2Page - VIA Technologies, Inc. EDGEAI Datasheet HTML 3Page - VIA Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VIA
Edge AI
Developer Kit
Ultra-compact solution for
graphics-intensive edge
computing applications
SOM Modules
Features
„ Qualcomm® APQ8096SG
Embedded Processor
„ Enhanced video decoding
supporting 4K@60fps,
8 x 1080p@30fps
„ Built-in Wi-Fi 802.11a/b/g/n/ac,
Bluetooth 4.1, and GPS
„ 13MP CMOS camera module
(1/3.06" 4224 x 3136 pixel)
„ Android & Linux BSPs available
Specifications
Model Name
SOM-9X20
Processor
Qualcomm® APQ8096SG Embedded Processor
- Two high-performance Kryo cores up to 2.342GHz
- Two low power Kryo cores up to 1.593GHz
System Memory
4GB POP LPDDR4 RAM
Storage
64GB UFS 2.1 Flash Memory
Graphics
Qualcomm® Adreno™ 530 GPU
3D graphics accelerator with 64-bit addressing 624MHz
Graphics engine supporting OpenGL ES 3.1/GEP, GL4.4, DX11.3/4, OpenCL 2.0,
Renderscript-Next
Supports H.264, VP8, HEVC 8/10-bit, VP9 video decoding up to: 4K@60fps,
1080p@240fps, 8 x 1080p@30fps
Trusted Platform Module
TPM1.2 : ST33TPM12I2C
Wireless Connectivity
NFA324A-12H32 QCA6174A-1 Wi-Fi 802.11a/b/g/n/ac + BT 4.1 combo LGA module
with 2 antenna connectors
Qualcomm WGR7640 GPS/GNSS RF receiver with antenna connector
HDMI
Integrated HDMI 2.0 Transmitter
Supported I/O through
MXM 3.0 connector
1 HDMI port
2 MIPI DSI 4-Lane connectors
3 MIPI CSI 4-Lane connectors
1 USB 3.0 OTG
1 USB 2.0 host
1 SDIO
2 PCM/MI2S
Multi-function pins for UART, I
2C, SPI, GPIO
1 JTAG
2 PCIe 2.0 1-Lane
Operating System
Android 8.0, Linux kernel 3.18.44
Operating Temperature
-20°C ~ 70°C
Operating Humidity
0% ~ 95% (non-condensing)
Form Factor
8.2cm x 4.5cm (3.23" x 1.77")
Board Placement
Qualcomm APQ8096SG
Embedded Processor +
4GB POP LPDDR4 RAM
Wi-Fi + BT 4.1 LGA module
GPS/GNSS reciever


Similar Part No. - EDGEAI

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EDGE-300 ADVANTECH-EDGE-300 Datasheet
210Kb / 1P
USB-Type Quad-band EDGE Dongle
logo
Coherent Corp
EDGE-CUT1.5 COHERENT-EDGE-CUT1.5 Datasheet
192Kb / 2P
Laser Cutting Made Simple
EDGE-FL COHERENT-EDGE-FL Datasheet
291Kb / 3P
Cost-Effective Fiber Laser Series for Demanding, High-Power Cutting Applications
EDGE-FL12 COHERENT-EDGE-FL12 Datasheet
291Kb / 3P
Cost-Effective Fiber Laser Series for Demanding, High-Power Cutting Applications
EDGE-FL15 COHERENT-EDGE-FL15 Datasheet
291Kb / 3P
Cost-Effective Fiber Laser Series for Demanding, High-Power Cutting Applications
More results

Similar Description - EDGEAI

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
ESM-2410 AMD-ESM-2410 Datasheet
135Kb / 1P
Geode GX1 SOM-144 CPU Module
logo
Advantech Co., Ltd.
SOM-A2709 ADVANTECH-SOM-A2709 Datasheet
383Kb / 2P
SOM with Marvell XScale PXA270 processor Windows CE 5.0
SOM-A9315 ADVANTECH-SOM-A9315 Datasheet
386Kb / 2P
SOM with Cirrus짰 EP9315 Processor Windows짰 CE 5.0
SOM-DB4400 ADVANTECH-SOM-DB4400 Datasheet
323Kb / 1P
ETX Development Board SOM-144 Development Board
logo
VIA Technologies, Inc.
SOM-9X20 VIA-SOM-9X20 Datasheet
631Kb / 3P
SOM Modules
SOM-6X80 VIA-SOM-6X80 Datasheet
563Kb / 3P
SOM Modules
SOM-6X50 VIA-SOM-6X50 Datasheet
516Kb / 3P
SOM Modules
logo
Leopard Imaging Inc.
LI-TX1-CB LEOPARD-LI-TX1-CB Datasheet
1Mb / 6P
Carrier board for NVIDIA Jetson TX1/TX2 SOM
logo
Advantech Co., Ltd.
SOM-DK2569 ADVANTECH-SOM-DK2569 Datasheet
414Kb / 2P
Starter kit for SMARC SOM-2569
13-May-2020
SOM-DK3569 ADVANTECH-SOM-DK3569 Datasheet
481Kb / 2P
Starter kit of Qseven R2.1, with SOM-3569
6-Jun-2018
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com