Electronic Components Datasheet Search
  English  ▼

X  

LPC-01 Datasheet(PDF) 2 Page - VIA Technologies, Inc.

Part # LPC-01
Description  Pico-ITX Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

LPC-01 Datasheet(HTML) 2 Page - VIA Technologies, Inc.

  LPC-01 Datasheet HTML 1Page - VIA Technologies, Inc. LPC-01 Datasheet HTML 2Page - VIA Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
* All product specifications are subject to change without notice. Update: Sept. 06, 2018.
www.viatech.com
Ordering Information
Part Number
CPU Frequency
Description
EPIA-P910-12QE
VIA Eden® X4 @ 1.2GHz
Pico-ITX Board with 1.2GHz VIA Eden® X4 CPU, Mini HDMI, VGA, LVDS, 2 USB 3.0, 6 USB 2.0,
Gigabit Ethernet, 2 SATA, 12V DC-in
Block Diagram
Packing List
Items
EPIA-P910 board
DC power cable
SATA cable
SATA power cable
FSB
400-800Mhz
21x21mm
SODIMM
PCIe x1
SATA1
SATA2
+/- HCLK
+/- CPU CLK
CRT VGA
HDMI
LVDS (single)
DDR3 1333MHz
USBH x8
SPI Bus
HDA
LPC Bus
LPC Bus
SM Bus
PCIe EXT + USB
Fintek
F81801U
Clock Generator
9LVRS720BKLF
HD Codec
VT2021
Front Panel & KB/MS
SPI ROM
LPC Conn
SATA1
SATA2
DDR3 SDRAM SOCKET
VT6130
+5V System Fan
CRT
HDMI
Panel
USB 3.0 Port 0~Port 1
USB 2.0 Port 0~Port 5
VIA Eden® X4
1.2GHz
VX11H
Back Panel I/O
Ethernet
USB 3.0
Mini HDMI
VGA
Accessories
Optional Accessories
I/O Expansion Cards
Part Number
Description
EPIA-P910-A
Front I/O card with 2 LEDs, 1 power button, 3 audio jacks and 2 USB 2.0
LPC-01
Expansion module for four COM ports
LPC-02
Expansion module for four COM ports (5V or 12V)
LPC-04
Expansion module for two or four COM ports (5V or 12V)
Wireless Accessories
Part Number
Description
00GO27100BU2B0D0
VNT9271 IEEE 802.11 b/g/n USB Wi-Fi dongle
EMIO-1533-00A2
VNT9271 IEEE 802.11 b/g/n USB Wi-Fi module with assembly kit and antenna
EMIO-5531-00A1
VAB-820-W IEEE 802.11 b/g/n USB Wi-Fi & Bluetooth module with assembly kit and antenna
P910-A
2 USB 2.0/Line-in/Line-out/
Mic-in
EMIO-1533 USB Wi-Fi Module
802.11b/g/n standards
(P910-A card required)
LPC-01/02/04
Up to 4 additional COM ports
(P910-A card required)
EMIO-5531 USB Wi-Fi + BT Module
802.11b/g/n standards
Bluetooth 2.1 + EDR specification
(P910-A card required)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com