Electronic Components Datasheet Search
  English  ▼

X  

LPC-01 Datasheet(PDF) 3 Page - VIA Technologies, Inc.

Part # LPC-01
Description  Mini-ITX Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

LPC-01 Datasheet(HTML) 3 Page - VIA Technologies, Inc.

  LPC-01 Datasheet HTML 1Page - VIA Technologies, Inc. LPC-01 Datasheet HTML 2Page - VIA Technologies, Inc. LPC-01 Datasheet HTML 3Page - VIA Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
* All product specifications are subject to change without notice. Update: Mar. 21, 2019.
www.viatech.com
Block Diagram
Packing List
Items
EPIA-M910 board
SATA cable
SATA power cable (for DC-in sku only)
DC power cable (for DC-in sku only)
I/O bracket
LPC
DDR3, Power & System Power
240 pin DDR3 1066 DIMM x 2
PCIe x1 Slot
COM3~COM8
SATA
USB
SPI
PCIe x1
SMBUS
PCI
R/G/B
HDMI
KBMS
LVDS
DVP
VX900
VIA Nano® X2 E 1.6GHz
VIA QuadCore E 1.2GHz
VIA Eden® X2 1.0GHz
PCIe x1
USB Port x8
SATA x 2
SPI ROM
SM Bus
Fan x 2
DIO 4-in/4-out x2
H/W Monitor
PCI Slot
VGA
HDMI
LVDS(S)
LVDS(D)
VT1636
PS2 KB/MS
F81865F-I
LPC CONN
ATXPWR
DC-in 12V
+/- HCLK
+/- CPU CLK
VID[0:6]
ICS9UM709
Clock Generator
CPU CORE
ISL6262A
COM1, COM2
F81801U
RJ45 x2
VT6130 x2
Line-in, Line-out, MIC-in,
Front Audio - Line-out, MIC-in
VT2021
HD Audio



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com