Electronic Components Datasheet Search
  English  ▼

X  

175-4231 Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # 175-4231
Description  standard straight tips
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

175-4231 Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button 175-4231 Datasheet HTML 30Page - List of Unclassifed Manufacturers 175-4231 Datasheet HTML 31Page - List of Unclassifed Manufacturers 175-4231 Datasheet HTML 32Page - List of Unclassifed Manufacturers 175-4231 Datasheet HTML 33Page - List of Unclassifed Manufacturers 175-4231 Datasheet HTML 34Page - List of Unclassifed Manufacturers 175-4231 Datasheet HTML 35Page - List of Unclassifed Manufacturers 175-4231 Datasheet HTML 36Page - List of Unclassifed Manufacturers 175-4231 Datasheet HTML 37Page - List of Unclassifed Manufacturers 175-4231 Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 54 page
background image
INSULATOR
Screw
ID.
Length
Part
Thread Size
A
B
Number
.218
175-0316-4032-10W
6mm
.243
175-0316-40062-10W
0.250
.256
175-0316-4042-10W
0.312, 8mm
.319
1”
175-0316-4052-10W
0.375
.381
175-0316-4062-10W
10mm
.400
175-0316-40102-10W
.218
175-0316-4031-10W
6mm
.243
175-0316-4006-10W
0.250
.256
175-0316-4041-10W
0.312, 8mm
.319
2”
175-0316-4051-10W
0.375
.381
175-0316-4061-10W
10mm
.400
175-0316-4010-10W
0.437
.444
175-1313-4372-10W
12mm
.479
175-1313-40122-10W
0.500
.506
175-1313-4382-10W
.569
1”
175-1313-4392-10W
0.625
.652
175-1313-4402-10W
.694
175-1313-4412-10W
.777
175-1313-4422-10W
0.437
.444
175-1313-4371-10W
12mm
.479
175-1313-4012-10W
0.500
.506
175-1313-4381-10W
.569
2”
175-1313-4391-10W
0.625
.652
175-1313-4401-10W
.694
175-1313-4411-10W
.777
175-1313-4421-10W
BACKUP ELECTRODES FOR UPPERS
These series of Stud electrodes are made from RWMA Class 2 material with TUFFALOYS’ 10W (copper tungsten) on the
weld face and wrench flats for easy removal from holders. The Insulator is made to withstand the constant friction that
is applied as the stud is inserted and removed.
186-0311-10W
186-0316-10W
186-0313-10W
186-1313-10W
33
TUFFALOY
5 rw stud electrodes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com