Electronic Components Datasheet Search
  English  ▼

X  

769D Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 769D
Description  Wet Tantalum Capacitors with Epoxy End-Fill, Sintered Anode, TANTALEX Capacitors CECC 30202-013 Approved
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

769D Datasheet(HTML) 5 Page - Vishay Siliconix

  769D Datasheet HTML 1Page - Vishay Siliconix 769D Datasheet HTML 2Page - Vishay Siliconix 769D Datasheet HTML 3Page - Vishay Siliconix 769D Datasheet HTML 4Page - Vishay Siliconix 769D Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Document Number: 40055
Revision 17-Oct-03
www.vishay.com
40
769D (CECC 30202-013)
Vishay Tansitor
For technical questions, contact eurowettant@vishay.com
STANDARD RATINGS
6.8
A
769D685X0075A2
4
300
1
2
-20
+ 9
+ 9
60
8.2
A
769D825X0075A2
12
200
1.5
7
-16
+12
+12
60
12
A
769D126X0075A2
12
155
2
9
-16
+12
+12
70
15
A
769D156X0075A2
12
130
3
12
-16
+12
+12
70
15
B
769D156X0075B2
6
135
1
5
-16
+ 9
+ 9
250
18
A
769D186X0075A2
12
100
3
12
-16
+12
+12
70
22
A
769D226X0075A2
12
80
3
12
-16
+12
+12
70
33
B
769D336X0075B2
15
90
1
10
-24
+15
+15
250
40
C
769D406X0075C2
13
60
2
12
-16
+12
+12
500
47
B
769D476X0075B2
20
75
3.5
20
-25
+15
+15
260
56
B
769D566X0075B2
20
70
2
16
-25
+15
+15
260
56
C
769D566X0075C2
22
60
2
17
-28
+15
+15
500
68
B
769D686X0075B2
12
42
4
24
-25
+15
+15
280
82
B
769D826X0075B2
12
30
4
24
-25
+15
+15
280
100
C
769D107X0075C2
18
33
8
32
-30
+20
+20
500
110C
769D117X0075C2
18
33
8
32
-30
+20
+20
500
110D
769D117X0075D2
15
29
5
36
-35
+20
+20
750
120
C
769D127X0075C2
18
28
6
26
-30
+20
+20
500
150
C
769D157X0075C2
18
24
7
28
-30
+20
+20
500
180
C
769D187X0075C2
18
17
8
32
-30
+20
+20
510
220
D
769D227X0075D2
16
24
9
36
-40
+20
+20
750
240
D
769D247X0075D2
17
24
9
36
-40
+20
+20
750
270
D
769D277X0075D2
18
22
10
40
-30
+20
+20
750
4.7
A
769D475X0100A2
3
500
1
2
-16
+ 6
+ 6
60
10
A
769D106X0100A2
12
200
3
12
-16
+12
+12
60
11
B
769D116X0100B2
4
200
1
4
-16
+ 6
+ 6
250
22
B
769D226X0100B2
10
100
1
9
-16
+ 6
+ 6
250
30
C
769D306X0100C2
8
85
2
12
-16
+ 8
+ 8
500
39
B
769D396X0100B2
20
80
5
24
-25
+15
+15
250
43
C
769D436X0100C2
16
70
2
17
-20
+ 8
+ 8
500
68
C
769D686X0100C2
18
40
10
40
-30
+20
+20
500
86
D
769D866X0100D2
15
30
5
35
-25
+20
+20
750
120
D
769D127X0100D2
25
36
12
48
-40
+20
+20
750
3.6
A
769D365X0125A2
4
615
1
2
-16
+ 8
+ 8
50
6.8
A
769D685X0125A2
12
300
3
12
-16
+12
+12
50
9A
769D905X0125A2
12
240
4
15
-16
+12
+12
50
9B
769D905X0125B2
9
220
1
5
-16
+ 6
+ 6
250
14
B
769D146X0125B2
10
160
1
7
-16
+ 7
+ 7
250
25
C
769D256X0125C2
16
120
2
13
-16
+10
+10
500
27
B
769D276X0125B2
20
90
5
24
-25
+15
+15
250
47
C
769D476X0125C2
18
50
10
40
-30
+20
+20
500
80
D
769D806X0125D2
20
34
9
50
-20
+20
+20
750
82
D
769D826X0125D2
25
40
12
48
-40
+20
+20
750
Max. RMS
RIPPLE
120 Hz
(mA)
+ 125
°C
Max. CAPACITANCE
CHANGE (%) at
+ 85
°C
+ 125
°C
PART NUMBER*
CASE
CODE
CAPACITANCE
(
µF)
Max. DCL (
µA) at
+ 25
°C
- 55
°C
Max. DF
at + 25
°C
(%)
Max. IMP.
at - 55
°C
120 Hz
(Ohms)
75 VDC at + 85
°C, 50 VDC at + 125°C
+ 85
°C
100 VDC at + 85
°C, 70 VDC at + 125°C
125 VDC at + 85
°C, 85 VDC at + 125°C
Wet Tantalum Capacitors with Epoxy End-Fill,
Sintered Anode TANTALEX
® Capacitors
CECC 30202-013 Approved



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com