Electronic Components Datasheet Search
  English  ▼

X  

CTA12 Datasheet(PDF) 1 Page - CIT Relay & Switch

Part # CTA12
Description  Switching capacity up to 20A Small size and light weight
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

CTA12 Datasheet(HTML) 1 Page - CIT Relay & Switch

  CTA12 Datasheet HTML 1Page - CIT Relay & Switch CTA12 Datasheet HTML 2Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Distributor: Electro-Stock www.electrostock.com Tel: 630-682-1542 Fax: 630-682-1562
FEATURES:
•
Switching capacity up to 20A
•
Small size and light weight
•
Dual relay available
•
Low coil power consumption
•
Suitable for automobile and consumer electronics applications
22.9 x 17.0 x 16.0mm
CONTACT DATA
Contact Arrangement
2A = (2) SPST N.O.
2C = (2) SPDT
Contact Rating
N.O. - 20A @ 14VDC
15A @ 24VDC; 125VAC
N.C. - 15A @ 14VDC
10A @ 24VDC; 125VAC
Contact Resistance
< 50 milliohms initial
Contact Material
AgSnO2
Maximum Switching Power
280W
Maximum Switching Voltage
30VDC
Maximum Switching Current
20A
COIL DATA
Coil Voltage
VDC
Rated
Max.
Coil Resistance
Ω ± 10%
Pick Up Voltage
VDC (max)
75%
of rated voltage
Release Voltage
VDC (min)
10%
of rated voltage
Coil Power
W
Operate Time
ms
Release Time
ms
5
6.5
56
3.75
0.50
6
7.8
80
4.50
0.60
9
11.7
180
6.75
0.90
12
15.6
320
9.00
1.20
18
23.4
720
13.50
1.80
24
31.2
1280
18.00
2.40
.45
10
5
CAUTION:
1. The use of any coil voltage less than the rated coil voltage may compromise the operation of the relay.
2. Pickup and release voltages are for test purposes only and are not to be used as design criteria.
GENERAL DATA
Electrical Life @ rated load
Mechanical Life
100K cycles, typical
10M cycles, typical
Insulation Resistance
100M
Ω min @ 500VDC
Dielectric Strength, Coil to Contact
Contact to Contact
1000V rms min. @ sea level
500V rms min. @ sea level
Shock Resistance
100m/s
2 for 11ms
Vibration Resistance
1.50mm double amplitude 10-40Hz
Terminal (Copper Alloy) Strength
5N
Operating Temperature
Storage Temperature
-40
°C to + 85 °C
-40
°C to + 155 °C
Solderability
230
°C ± 2 °C for 10 ± 0.5s
Weight
15g
CTA12


Similar Part No. - CTA12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CTA1 ETC1-CTA1 Datasheet
154Kb / 2P
Switch Ccapacity up to 25A, Small size and light weight, PCB pin qiock connect mounting available
logo
CIT Relay & Switch
CTA1 CIT-CTA1 Datasheet
158Kb / 2P
CIT SWITCH
CTA10 CIT-CTA10 Datasheet
176Kb / 2P
CIT SWITCH
logo
PowerVolt Inc.
CTA100-L01 POWERVOLT-CTA100-L01 Datasheet
119Kb / 1P
Connection Diagram , Schematic
logo
CIT Relay & Switch
CTA101AS10VDC CIT-CTA101AS10VDC Datasheet
176Kb / 2P
CIT SWITCH
More results

Similar Description - CTA12

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
JZC-22F DBLECTRO-JZC-22F Datasheet
291Kb / 2P
Small size, light weight .Low coil power consumption. Switching capacity can reach 20A
NT76 DBLECTRO-NT76 Datasheet
460Kb / 2P
Super light in weight. / Switching capacity up to 16A.
logo
HuaXinAn Electronics CO...
NVF4-1C HUAXINAN-NVF4-1C Datasheet
1Mb / 1P
Small size and light weight
NVF4-1U HUAXINAN-NVF4-1U Datasheet
1Mb / 1P
Small size and light weight
NVF4-2A HUAXINAN-NVF4-2A Datasheet
1Mb / 1P
Small size and light weight
NVF4-2U HUAXINAN-NVF4-2U Datasheet
1Mb / 1P
Small size and light weight
NVF4-8 HUAXINAN-NVF4-8 Datasheet
518Kb / 1P
Small size and light weight.
logo
CIT Relay & Switch
A16 CIT-A16 Datasheet
110Kb / 2P
Small size and light weight
A51AS12VDC1.6U CIT-A51AS12VDC1.6U Datasheet
117Kb / 3P
Small size and light weight
J151 CIT-J151 Datasheet
290Kb / 4P
Switching capacity up to 20A; small size and light weight
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com