Electronic Components Datasheet Search
  English  ▼

X  

FFM103AFG Datasheet(PDF) 1 Page - Shenzhen Foster Semiconductor Co., Ltd.

Part # FFM103AFG
Description  Chip Silicon Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSTER [Shenzhen Foster Semiconductor Co., Ltd.]
Direct Link  http://www.first-semi.com
Logo FOSTER - Shenzhen Foster Semiconductor Co., Ltd.

FFM103AFG Datasheet(HTML) 1 Page - Shenzhen Foster Semiconductor Co., Ltd.

  FFM103AFG Datasheet HTML 1Page - Shenzhen Foster Semiconductor Co., Ltd. FFM103AFG Datasheet HTML 2Page - Shenzhen Foster Semiconductor Co., Ltd. FFM103AFG Datasheet HTML 3Page - Shenzhen Foster Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMAF
1. Cathode
2. Anode
2
1
2
Batch process design, excellent power dissipation offers
better reverse leakage current and thermal resistance.
Low profile surface mounted application in order to
optimize board space.
High current capability.
High surge current capability.
Glass passivated chip junction.
• Fast switching for high efficiency.
Lead-free parts meet RoHS requirments.
•
•
•
•
•
•
Maximum ratings (AT T =25
A
oC unless otherwise noted)
PARAMETER
CONDITIONS
Forward rectified current
Forward surge current
Reverse current
Thermal resistance
Diode junction capacitance
Storage temperature
Ambient temperature = 75 C
o
8.3ms single half sine-wave superimposed on
rate load (JEDEC methode)
f=1MHz and applied 4V DC reverse voltage
Symbol
MIN.
TYP.
MAX.
UNIT
I
O
I
FSM
I
R
R
θ
JA
C
J
T
STG
A
A
μA
OC/W
OC
pF
1.0
30
5.0
+150
-55
80
V
= V
T = 25 C
R
RRM
J
O
V
= V
T = 100 C
R
RRM
J
O
Junction to ambient
15
50
FFM101AFG
FFM102AFG
FFM103AFG
50
100
200
35
70
140
SYMBOLS
V
RRM
(V)
V
RMS
V
R
(V)
(V)
*1
*2
*3
*1 Repetitive peak reverse voltage
*2 RMS voltage
*3 Continuous reverse voltage
*4 Maximum forward voltage@I =1.0A
F
*5 Maximum Reverse recovery time, note 1
V
F
(V)
*4
FFM104AFG
FFM105AFG
400
600
280
420
1.30
-55 to +150
FFM106AFG
FFM107AFG
800
1000
560
700
T
RR
(nS)
*5
150
250
500
50
100
200
400
600
800
1000
(C)
O
Operating
temperature
T,
J
Note 1. Reverse recovery time test condition, I =0.5A, I =1.0A, I
=0.25A
FRRR
FFM101AFG THRU FFM107AFG
Chip Silicon Rectifier
1.0A Surface Mount Fast
Recovery Rectifiers-50-1000V
Features
@ 2018 Copyright By American First Semiconductor
REV:1.0
Page 1/3


Similar Part No. - FFM103AFG

ManufacturerPart #DatasheetDescription
logo
Shenzhen Foster Semicon...
FFM103AG FOSTER-FFM103AG Datasheet
1Mb / 2P
1.0A Surface Mount Fast Recovery Rectifiers-50-1000V
More results

Similar Description - FFM103AFG

ManufacturerPart #DatasheetDescription
logo
SHENZHEN YONGERJIA INDU...
FM4001-M WINNERJOIN-FM4001-M Datasheet
168Kb / 2P
Chip Silicon Rectifier
logo
Shenzhen Foster Semicon...
FFM201AG FOSTER-FFM201AG Datasheet
3Mb / 3P
Chip Silicon Rectifier
FFM201BG FOSTER-FFM201BG Datasheet
4Mb / 3P
Chip Silicon Rectifier
FFM301CG FOSTER-FFM301CG Datasheet
2Mb / 3P
Chip Silicon Rectifier
MURS105AG FOSTER-MURS105AG Datasheet
3Mb / 2P
Chip Silicon Rectifier
MURS105MG FOSTER-MURS105MG Datasheet
2Mb / 3P
Chip Silicon Rectifier
MURS205AG FOSTER-MURS205AG Datasheet
2Mb / 2P
Chip Silicon Rectifier
MURS205BG FOSTER-MURS205BG Datasheet
3Mb / 3P
Chip Silicon Rectifier
MURS305BG FOSTER-MURS305BG Datasheet
3Mb / 3P
Chip Silicon Rectifier
MURS305CG FOSTER-MURS305CG Datasheet
3Mb / 3P
Chip Silicon Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com