Electronic Components Datasheet Search
  English  ▼

X  

FIR2N80LG Datasheet(PDF) 3 Page - Shenzhen Foster Semiconductor Co., Ltd.

Part # FIR2N80LG
Description  800V N-Channel MOSFET-T
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSTER [Shenzhen Foster Semiconductor Co., Ltd.]
Direct Link  http://www.first-semi.com
Logo FOSTER - Shenzhen Foster Semiconductor Co., Ltd.

FIR2N80LG Datasheet(HTML) 3 Page - Shenzhen Foster Semiconductor Co., Ltd.

  FIR2N80LG Datasheet HTML 1Page - Shenzhen Foster Semiconductor Co., Ltd. FIR2N80LG Datasheet HTML 2Page - Shenzhen Foster Semiconductor Co., Ltd. FIR2N80LG Datasheet HTML 3Page - Shenzhen Foster Semiconductor Co., Ltd. FIR2N80LG Datasheet HTML 4Page - Shenzhen Foster Semiconductor Co., Ltd. FIR2N80LG Datasheet HTML 5Page - Shenzhen Foster Semiconductor Co., Ltd. FIR2N80LG Datasheet HTML 6Page - Shenzhen Foster Semiconductor Co., Ltd. FIR2N80LG Datasheet HTML 7Page - Shenzhen Foster Semiconductor Co., Ltd. FIR2N80LG Datasheet HTML 8Page - Shenzhen Foster Semiconductor Co., Ltd. FIR2N80LG Datasheet HTML 9Page - Shenzhen Foster Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Typical Characteristics
03
12
15
0
2
4
6
8
10
12
V
DS = 400V
V
DS = 160V
V
DS = 640V
※
Note: I
D = 3A
69
Q
G, Total Gate Charge [nC]
0.2
0.4
1.2
1.4
10
-1
10
0
10
1
150℃
※
Notes :
1. V
GS = 0V
2. 250μ s PulseTest
25℃
0.6
0.8
1.0
V
SD, Source-Drain voltage [V]
8
4
2
0
6
2
4
6
8
10
V
GS = 20V
V
GS = 10V
※
Note: T
J = 25
℃
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
I
D, Drain Current [A]
Figure 3. On-Resistance Variation vs
Drain Current and Gate Voltage
Figure 4. Body Diode Forward Voltage
Variation with Source Current
and Temperature
Figure 2. Transfer Characteristics
Figure 1. On-Region Characteristics
10-1
101
10
-2
10-1
100
10
1
V
GS
Top:
15.0V
10.0V
8.0V
7.0V
6.5V
6.0V
Bottom: 5.5V
※
Notes:
1. 250μ sPulseTest
2. T
C = 25
℃
100
V
DS, Drain-Source Voltage [V]
4
10
10
-1
10
0
101
150
oC
25
oC
-55
oC
※
Notes :
1. V
DS = 50V
2. 250μ s PulseTest
6
8
V
GS, Gate-Source Voltage [V]
10-1
101
0
200
400
600
800
C
iss = Cgs + Cgd (Cds = shorted)
C
gd
ds
C = C + C
gd
C
rs
os
s
s
=
※
Notes:
1. V
GS = 0 V
2. f = 1MHz
C
rss
C
oss
C
iss
100
V
DS, Drain-Source Voltage [V]
www.First-semi.com
Page 3/9
FIR2N80BPG,FIR2N80LG



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com