Electronic Components Datasheet Search
  English  ▼

X  

FIR4N80FG Datasheet(PDF) 7 Page - Shenzhen Foster Semiconductor Co., Ltd.

Part # FIR4N80FG
Description  N-Channel Power MOSFET-Y
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSTER [Shenzhen Foster Semiconductor Co., Ltd.]
Direct Link  http://www.first-semi.com
Logo FOSTER - Shenzhen Foster Semiconductor Co., Ltd.

FIR4N80FG Datasheet(HTML) 7 Page - Shenzhen Foster Semiconductor Co., Ltd.

  FIR4N80FG Datasheet HTML 1Page - Shenzhen Foster Semiconductor Co., Ltd. FIR4N80FG Datasheet HTML 2Page - Shenzhen Foster Semiconductor Co., Ltd. FIR4N80FG Datasheet HTML 3Page - Shenzhen Foster Semiconductor Co., Ltd. FIR4N80FG Datasheet HTML 4Page - Shenzhen Foster Semiconductor Co., Ltd. FIR4N80FG Datasheet HTML 5Page - Shenzhen Foster Semiconductor Co., Ltd. FIR4N80FG Datasheet HTML 6Page - Shenzhen Foster Semiconductor Co., Ltd. FIR4N80FG Datasheet HTML 7Page - Shenzhen Foster Semiconductor Co., Ltd. FIR4N80FG Datasheet HTML 8Page - Shenzhen Foster Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Package Information
www.First-semi.com
Page 7/8
FIR4N80FG
TO−220F
θ1
θ
A3
c
θ
θ
6°±1°
θ
θ
A4
A1
A
A2
θ
θ
θ
A4
Units:mm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com