Electronic Components Datasheet Search
  English  ▼

X  

FIR4N90FG Datasheet(PDF) 7 Page - Shenzhen Foster Semiconductor Co., Ltd.

Part # FIR4N90FG
Description  900V N-Channel MOSFET-T
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSTER [Shenzhen Foster Semiconductor Co., Ltd.]
Direct Link  http://www.first-semi.com
Logo FOSTER - Shenzhen Foster Semiconductor Co., Ltd.

FIR4N90FG Datasheet(HTML) 7 Page - Shenzhen Foster Semiconductor Co., Ltd.

  FIR4N90FG Datasheet HTML 1Page - Shenzhen Foster Semiconductor Co., Ltd. FIR4N90FG Datasheet HTML 2Page - Shenzhen Foster Semiconductor Co., Ltd. FIR4N90FG Datasheet HTML 3Page - Shenzhen Foster Semiconductor Co., Ltd. FIR4N90FG Datasheet HTML 4Page - Shenzhen Foster Semiconductor Co., Ltd. FIR4N90FG Datasheet HTML 5Page - Shenzhen Foster Semiconductor Co., Ltd. FIR4N90FG Datasheet HTML 6Page - Shenzhen Foster Semiconductor Co., Ltd. FIR4N90FG Datasheet HTML 7Page - Shenzhen Foster Semiconductor Co., Ltd. FIR4N90FG Datasheet HTML 8Page - Shenzhen Foster Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Package Dimension
TO-220F
Unit: mm
Symbol
Size
Symbol
Size
Symbol
Size
Symbol
Size
Min
Max
Min
Max
Min
Max
Min
Max
W
9.96
10.36
W4
0.25
0.45
L3
12.78
13.18
T3
0.45
0.60
W1
2.54 (TYP)
L
15.67
16.07
T
4.50
4.90
G(Φ)
3.08
3.28
W2
0.70
0.90
L1
6.48
6.88
T1
2.34
2.74
W3
1.24
1.47
L2
3.20
3.40
T2
2.56
2.96
www.First-semi.com
Page 7/8
FIR4N90FG



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com