Electronic Components Datasheet Search
  English  ▼

X  

FD16F20CT Datasheet(PDF) 1 Page - Shenzhen SI Semiconductors Co.,LTD.

Part # FD16F20CT
Description  Fast Recovery Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SISEMIC [Shenzhen SI Semiconductors Co.,LTD.]
Direct Link  http://www.sisemi.com.cn/en_index.aspx
Logo SISEMIC - Shenzhen SI Semiconductors Co.,LTD.

FD16F20CT Datasheet(HTML) 1 Page - Shenzhen SI Semiconductors Co.,LTD.

  FD16F20CT Datasheet HTML 1Page - Shenzhen SI Semiconductors Co.,LTD. FD16F20CT Datasheet HTML 2Page - Shenzhen SI Semiconductors Co.,LTD. FD16F20CT Datasheet HTML 3Page - Shenzhen SI Semiconductors Co.,LTD. FD16F20CT Datasheet HTML 4Page - Shenzhen SI Semiconductors Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
深圳深爱半导体股份有限公司
产品规格书
Shenzhen
Shenzhen
Shenzhen
Shenzhen SI
SI
SI
SI Semiconductors
Semiconductors
Semiconductors
Semiconductors Co.,
Co.,
Co.,
Co., LTD.
LTD.
LTD.
LTD.
Product
Product
Product
Product Specification
Specification
Specification
Specification
Si
Si
Si
Si semiconductors
semiconductors
semiconductors
semiconductors
201
201
201
2013
3
3
3....1
1
1
1
1
1
1
1
快恢复二极管/Fast
/Fast
/Fast
/Fast Recovery
Recovery
Recovery
Recovery Diode
Diode
Diode
Diode
FD16F20
FD16F20
FD16F20
FD16F20CT
CT
CT
CT
●特点:抗高浪涌性能
低正向电
大电流
低损耗
超快恢复特性 符合 RoHS
RoHS
RoHS
RoHS 规范
●FEATURES
FEATURES
FEATURES
FEATURES:■HIGH SURGE CAPABILITY
■LOW FORWARD VOLTAGE ■HIGH CURRENT CAPABILITY
■Low Recovery Loss
■Ultrafast Recovery Time
■RoHS COMPLIANT
●应用:续流电流
超声波清洗和焊接
PFC
PFC
PFC
PFC
UPS
UPS
UPS
UPS
●APPLICATION:
APPLICATION:
APPLICATION:
APPLICATION: ■FREE WHEELING
■Ultrasonic Cleaner and Welder ■PFC
PFC
PFC
PFC
■UPS
UPS
UPS
UPS
●最大额定值(Tc
Tc
Tc
Tc=25
=25
=25
=25°°°°C
C
C
C
●Absolute
Absolute
Absolute
Absolute Maximum
Maximum
Maximum
Maximum Ratings
Ratings
Ratings
Ratings(Tc=25
Tc=25
Tc=25
Tc=25°°°°C
C
C
C)
TO-220
TO-220
TO-220
TO-220/220FP
/220FP
/220FP
/220FP
参数
PARAMETER
PARAMETER
PARAMETER
PARAMETER
符号
SYMBOL
SYMBOL
SYMBOL
SYMBOL
额定值
VALUE
VALUE
VALUE
VALUE
单位
UNIT
UNIT
UNIT
UNIT
反向电压(DC)
D.C. Reverse Voltage
VR
200
V
可重复反向电压
Repetitive Reverse Voltage
VRRM
200
V
平均输出电流
Average Forward Current
@TC=110°C,
IF(AV)
8
(单侧管脚/per leg)
A
16
(整管/Per Device)
不重复正向浪涌电流
Non-Repetitive Surge Forward
Current@T=10ms,Sine
IFSM
80
A
结温
Junction Temperature
TJ
-55 to +150
℃
贮存温度
Storage Temperature
Tstg
-55 to +150
℃
●电特性(Tc=25
Tc=25
Tc=25
Tc=25°°°°C
C
C
C)
●Electronic
Electronic
Electronic
Electronic Characteristics
Characteristics
Characteristics
Characteristics(Tc=25
Tc=25
Tc=25
Tc=25°°°°C
C
C
C)
符号
Symbol
Symbol
Symbol
Symbol
参数名称
Parameter
Parameter
Parameter
Parameter
测试条件
Test
Test
Test
Test Conditions
Conditions
Conditions
Conditions
最小值
Min.
Min.
Min.
Min.
典型值
Typ.
Typ.
Typ.
Typ.
最大值
Max.
Max.
Max.
Max.
单位
Unit
Unit
Unit
Unit
IRM
反向漏电流
Reverse Leakage
Current
VR=200V,
TJ=25°C
--
--
10
µA
VR=200V,
TJ=125°C
--
--
200
µA
VF
正向压降
Forward Voltage
IF=8A,
TJ=25°C
--
0.9
1.1
V
IF=8A,
TJ=125°C
--
0.86
--
V
trr
反向恢复时间
Reverse Recovery
Time
IF=1A, VR=30V,
diF/dt=-200A/μs
20
25
30
ns
trr
Reverse Recovery
Time
IF=8A
VR=100V
diF/dt=-200A/
μs
TJ=25°C
--
42
--
ns
trr
Reverse Recovery
Time
TJ=125°C
--
58
--
ns
IRRM
最大反向恢复电流
Max. Reverse
Recovery Current
TJ=125°C
--
5
--
A
●订单信息/ORDERING
/ORDERING
/ORDERING
/ORDERING INFORMATION:
INFORMATION:
INFORMATION:
INFORMATION:
包装形式/PACKING
/PACKING
/PACKING
/PACKING
订货编码/ORDERING
/ORDERING
/ORDERING
/ORDERING CODE
CODE
CODE
CODE
普通塑封料//// Nor
Nor
Nor
Norm
m
m
mal
al
al
al Package
Package
Package
Package Material
Material
Material
Material
无卤塑封料////Halogen
Halogen
Halogen
Halogen Free
Free
Free
Free
TO-220
TO-220
TO-220
TO-220 条管装/TUBE PACKING
FD16F20CT TO-220-TU
FD16F20CT TO-220-TU-HF
TO-220FP 条管装/TUBE PACKING
FD16F20CT
TO-220FP-TU
FD16F20CT TO-220FP-TU-HF
FD16F20CT
FD16F20CT
FD16F20CT
FD16F20CT
FD16F20CT
FD16F20CT
FD16F20CT
FD16F20CT


Similar Part No. - FD16F20CT

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FD1600 INFINEON-FD1600 Datasheet
611Kb / 12P
Chopper applications
2016-01-21 revision:V3.1
FD1600-1200R17HP4-K_B2 INFINEON-FD1600-1200R17HP4-K_B2 Datasheet
617Kb / 12P
IHM-B Modul mit Chopper Konfiguration
revision: V3.1 2016-01-21
FD1600-1200R17HP4_B2 INFINEON-FD1600-1200R17HP4_B2 Datasheet
616Kb / 12P
IHM-B Modul mit Chopper Konfiguration
revision: V3.1 2016-01-19
FD1600/1200R17HP4-K_B2 INFINEON-FD1600/1200R17HP4-K_B2 Datasheet
617Kb / 12P
IHM-B Modul mit Chopper Konfiguration
revision: V3.1 2016-01-21
FD1600R17HP4-K_B2 INFINEON-FD1600R17HP4-K_B2 Datasheet
611Kb / 12P
Technische Information / Technical Information
2016-01-21 revision:V3.1
More results

Similar Description - FD16F20CT

ManufacturerPart #DatasheetDescription
logo
Power Semiconductors
ARF221 POSEICO-ARF221 Datasheet
43Kb / 4P
FAST RECOVERY DIODE
ARF241 POSEICO-ARF241 Datasheet
43Kb / 4P
FAST RECOVERY DIODE
ARF462 POSEICO-ARF462 Datasheet
105Kb / 2P
FAST RECOVERY DIODE
ARF565 POSEICO-ARF565 Datasheet
45Kb / 4P
FAST RECOVERY DIODE
ARF673 POSEICO-ARF673 Datasheet
104Kb / 2P
FAST RECOVERY DIODE
logo
Dynex Semiconductor
DF054 DYNEX-DF054 Datasheet
58Kb / 7P
Fast Recovery Diode
DF654 DYNEX-DF654 Datasheet
61Kb / 7P
Fast Recovery Diode
DSF8045SK DYNEX-DSF8045SK Datasheet
63Kb / 9P
Fast Recovery Diode
MDFB51 DYNEX-MDFB51 Datasheet
69Kb / 8P
Fast Recovery Diode
logo
Rohm
RF101L4S ROHM-RF101L4S Datasheet
116Kb / 4P
Fast recovery diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com