Electronic Components Datasheet Search
  English  ▼

X  

HC0230B03 Datasheet(PDF) 7 Page - Yantel Corporation

Part # HC0230B03
Description  Hybrid Coupler 3 dB, 90o
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANTEL [Yantel Corporation]
Direct Link  http://en.yantel-corp.com/index_index.html
Logo YANTEL - Yantel Corporation

HC0230B03 Datasheet(HTML) 7 Page - Yantel Corporation

  HC0230B03 Datasheet HTML 1Page - Yantel Corporation HC0230B03 Datasheet HTML 2Page - Yantel Corporation HC0230B03 Datasheet HTML 3Page - Yantel Corporation HC0230B03 Datasheet HTML 4Page - Yantel Corporation HC0230B03 Datasheet HTML 5Page - Yantel Corporation HC0230B03 Datasheet HTML 6Page - Yantel Corporation HC0230B03 Datasheet HTML 7Page - Yantel Corporation HC0230B03 Datasheet HTML 8Page - Yantel Corporation HC0230B03 Datasheet HTML 9Page - Yantel Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
R
Yantel Corporation
Add
3F, Building 3, Southern District 2 of Zhongguan Honghualing Industrial Park, Xili, Nanshan, Shenzhen, China
Tel
86-755-8355-1886 Fax
86-755-8355-2533
For detailed performance specs & shopping online see Yantel web site : www.yantel-corp.com
Reliability Test Flow
Mechanical/Visual Inspection
n=50
Electrical Testing at room
temperature S-parameter
n=50
Mount parts to test boards
n=25
Visual Inspection
n=25
Mount boards to Al
blocks n=25
Electrical Testing at room temperature and over
temperature S-parameter(-55
℃,25℃,95℃,150℃,200℃)
n=25
Visual Inspection
n=25
Resistance to Solder per
Mil202F.210E.Condition
K heat n=20
Visual Inspection n=25
Electrical Testing at room
temperature S-parameter
n=25
Control Units n=5
Control Units n=5
Visual Inspection n=25
Voltage Breakdown Test per Mil202F-301 25
℃,1KV n=40
Visual Inspection n=50
Thermal Cycle 75 cycles,--55
℃ to125℃,5℃/min 15 min dwell n=40
Visual Inspection n=50
M e c h a n i c a l / v i s u a l
Inspection n=25
Electrical Testing at room
temperature S-parameter
n=50
Control Units n=10
Control Units n=5
HC0230B03
Hybrid Coupler 3 dB, 90o
Rev A1
Reliability Test



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com