Electronic Components Datasheet Search
  English  ▼

X  

MSM6996 Datasheet(PDF) 13 Page - OKI electronic componets

Part # MSM6996
Description  Single Chip CODEC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6996 Datasheet(HTML) 13 Page - OKI electronic componets

Back Button MSM6996 Datasheet HTML 9Page - OKI electronic componets MSM6996 Datasheet HTML 10Page - OKI electronic componets MSM6996 Datasheet HTML 11Page - OKI electronic componets MSM6996 Datasheet HTML 12Page - OKI electronic componets MSM6996 Datasheet HTML 13Page - OKI electronic componets MSM6996 Datasheet HTML 14Page - OKI electronic componets MSM6996 Datasheet HTML 15Page - OKI electronic componets MSM6996 Datasheet HTML 16Page - OKI electronic componets MSM6996 Datasheet HTML 17Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
¡ Semiconductor
MSM6996H/6996V/6997H/6997V/6998/6999
13/21
TIMING DIAGRAM
Wave Time Measurement Level
tWX
tIr
tIf
tDOf
2.4 V
1.4 V
0.4 V
Note: Timing between signal waves is judged at 1.4 V
2.4 V
1.4 V
0.4 V
tWR
Basic Timing
XCLOCK
tXS
tXD1
12
3
4
5
6
7
8
9
10
12
3
4
5
6
7
8
9
10
tXD2
tXD3
tSX
1/fC
tWX
tSD
MSD
D2
D3
D4
D5
D6
D7
D8
tRS tSR
tWR
tDS tDH
Transmitter
Section
Receiver
Section
XSYNC
PCMOUT
RCLOCK
RSYNC
Note 1):
When tXS £ 1/2 ¥ fc, the Delay of the MSD bit is defined as tXD1.
When tSX £ 1/2 ¥ fc, the Delay of the MSD bit is defined as tSD.
Note 2):
Transmit synchronizing and clock pulse, and Receive synchronizing and clock pulse may be
asynchronous mutually.
Note 3):
The threshold level is 1.4 V.
tDS tDH
PCMIN
,


D8
,

D7

D6

D5
,
D4

D3

D2
,

MSD
,

Invalid Data
,

Figure 1
Figure 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com