Electronic Components Datasheet Search
  English  ▼

X  

IP117MAE Datasheet(PDF) 1 Page - Seme LAB

Part # IP117MAE
Description  0.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR IN CERAMIC SURFACE MOUNT PACKAGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP117MAE Datasheet(HTML) 1 Page - Seme LAB

  IP117MAE Datasheet HTML 1Page - Seme LAB IP117MAE Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Document Number 5383
Issue 1
IP117MAHVE
IP117MHVE
IP117MAE
IP117MEA
0.5 AMP
POSITIVE ADJUSTABLE
VOLTAGE REGULATOR
IN CERAMIC SURFACE
MOUNT PACKAGE
VI–O
Input - Output Differential Voltage
– Standard
– HV Series
PD
Power Dissipation
TJ
Operating Junction Temperature Range
TSTG
Storage Temperature
40V
60V
Internally limited
–55 to 150°C
–65 to 150°C
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
FEATURES
• OUTPUT VOLTAGE RANGE ADJUSTABLE:
1.25 TO 40V FOR STANDARD VERSION
1.25 TO 60V FOR –HV VERSION
• 1% OUTPUT VOLTAGE TOLERANCE
(–A VERSIONS)
• 0.3% LOAD REGULATION
• 0.01% / V LINE REGULATION
• COMPLETE SERIES OF PROTECTIONS:
• CURRENT LIMITING
• THERMAL SHUTDOWN
• SOA CONTROL
DESCRIPTION
The IP117M Series are three terminal positive adjustable voltage regulators capable of supplying in excess of 0.5A over a
1.25V to 60V output range. These regulators are exceptionally easy to use and require only two external resistors to set the
output voltage. In addition to improved line and load regulation, a major feature of the “A” series is the initial output voltage
tolerance, which is guaranteed to be less than 1%.
Over full operating conditions, including load, line, and power dissipation, the reference voltage is guaranteed not to vary more
than 2%. These devices exhibit current limit, thermal overload protection, and improved power device safe operating area
protection, making them essentially indestructible.
1.39 (0.055)
1.15 (0.045)
0.76 (0.030)
0.51 (0.020)
1.39 (0.055)
1.02 (0.040)
15 16
13
12
14
3
4
5
6
7
17
18
1
2
11
10
8
9
9.14 (0.360)
8.64 (0.340)
1.27 (0.050)
1.07 (0.040)
≈ 2.16 (0.085)
7.62 (0.300)
7.12 (0.280)
1.65 (0.065)
1.40 (0.055)
0.33 (0.013)
0.08 (0.003)
0.43 (0.017)
0.18 (0.007
Rad.
Rad.
Pins 4,5
– Adjust
Pins 6,7,8,9,10,11,12,13
– VIN
Pins 15,16,17,18,1,2
– VOUT
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.


Similar Part No. - IP117MAE

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP117MAE SEME-LAB-IP117MAE Datasheet
29Kb / 2P
0.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR IN CERAMIC SURFACE MOUNT PACKAGE
More results

Similar Description - IP117MAE

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP117MAHV-LCC4 SEME-LAB-IP117MAHV-LCC4 Datasheet
18Kb / 2P
0.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR IN CERAMIC SURFACE MOUNT PACKAGE
IP117MAHVH SEME-LAB-IP117MAHVH Datasheet
24Kb / 2P
0.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
IP137MAHV-LCC4 SEME-LAB-IP137MAHV-LCC4 Datasheet
14Kb / 2P
0.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR IN CERAMIC SURFACE MOUNT PACKAGE
IP140MA SEME-LAB-IP140MA Datasheet
32Kb / 4P
0.5 AMP POSITIVE VOLTAGE REGULATOR
IP78M00A-LCC4 SEME-LAB-IP78M00A-LCC4 Datasheet
24Kb / 4P
0.5 AMP POSITIVE VOLTAGE REGULATOR IN A CERAMIC SURFACE MOUNT PACKAGE
logo
List of Unclassifed Man...
OM7635SM ETC-OM7635SM Datasheet
16Kb / 2P
SURFACE MOUNT POSITIVE ADJUSTABLE 1.0 AMP VOLTAGE REGULATOR
OM7646SM ETC1-OM7646SM Datasheet
26Kb / 2P
SURFACE MOUNT POSITIVE ADJUSTABLE 1.5 AMP VOLTAGE REGULATOR
OM7637SM ETC2-OM7637SM Datasheet
19Kb / 2P
SURFACE MOUNT POSITIVE ADJUSTABLE 3.0 AMP VOLTAGE REGULATOR
logo
International Rectifier
OM7620SM IRF-OM7620SM Datasheet
30Kb / 2P
SURFACE MOUNT POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Seme LAB
IP117MAHVE SEME-LAB-IP117MAHVE_07 Datasheet
29Kb / 2P
0.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR IN CERAMIC SURFACE MOUNT PACKAGE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com