Electronic Components Datasheet Search
  English  ▼

X  

MSM7560 Datasheet(PDF) 7 Page - OKI electronic componets

Part # MSM7560
Description  Single Rail ADPCM CODEC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7560 Datasheet(HTML) 7 Page - OKI electronic componets

Back Button MSM7560 Datasheet HTML 3Page - OKI electronic componets MSM7560 Datasheet HTML 4Page - OKI electronic componets MSM7560 Datasheet HTML 5Page - OKI electronic componets MSM7560 Datasheet HTML 6Page - OKI electronic componets MSM7560 Datasheet HTML 7Page - OKI electronic componets MSM7560 Datasheet HTML 8Page - OKI electronic componets MSM7560 Datasheet HTML 9Page - OKI electronic componets MSM7560 Datasheet HTML 10Page - OKI electronic componets MSM7560 Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7/16
MSM7540/7560
¡ Semiconductor
FEDL7540-03
X1, X2
Crystal oscillator (10.368 MHz) connection.
Connect X2, the clock output pin, directly to the MCK pin.
When using a conventional external clock of 10.368 MHz, X1 should be connected to the ground,
leave X2 open, and provide the external clock through the MCK pin.
X1
MCK
10.368 MHz
<Using a self-oscilation circuit>
X2
MSM7540/60
X1
MCK
<Using an external clock>
X2
MSM7540/60
10.368 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com