Electronic Components Datasheet Search
  English  ▼

X  

GD25Q80CTFG Datasheet(PDF) 57 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25Q80CTFG
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25Q80CTFG Datasheet(HTML) 57 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25Q80CTFG Datasheet HTML 53Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q80CTFG Datasheet HTML 54Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q80CTFG Datasheet HTML 55Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q80CTFG Datasheet HTML 56Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q80CTFG Datasheet HTML 57Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q80CTFG Datasheet HTML 58Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q80CTFG Datasheet HTML 59Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q80CTFG Datasheet HTML 60Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q80CTFG Datasheet HTML 61Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 67 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25Q80C
57
Temperature Range F: Industrial+ (-40
℃ to +85℃)
Product Number
Density
Package Type
GD25Q80CTFG
8Mbit
SOP8 150mil
GD25Q80CSFG
8Mbit
SOP8 208mil
GD25Q80CPFG
8Mbit
DIP8 300mil
GD25Q80CEFG
8Mbit
USON8 (3x2mm, 0.45mm thickness)
GD25Q80CNFG
8Mbit
USON8 (3x4mm)
GD25Q80CQFG
8Mbit
USON8 (4x4mm, 0.45mm thickness)
GD25Q80CWFG
8Mbit
WSON8 (6x5mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com