Electronic Components Datasheet Search
  English  ▼

X  

MA7153F Datasheet(PDF) 4 Page - Major-Power Technology Co., LTD.

Part # MA7153F
Description  Low Noise & Low voltage Single-Coil Fan/Motor Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA7153F Datasheet(HTML) 4 Page - Major-Power Technology Co., LTD.

  MA7153F Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA7153F Datasheet HTML 2Page - Major-Power Technology Co., LTD. MA7153F Datasheet HTML 3Page - Major-Power Technology Co., LTD. MA7153F Datasheet HTML 4Page - Major-Power Technology Co., LTD. MA7153F Datasheet HTML 5Page - Major-Power Technology Co., LTD. MA7153F Datasheet HTML 6Page - Major-Power Technology Co., LTD. MA7153F Datasheet HTML 7Page - Major-Power Technology Co., LTD. MA7153F Datasheet HTML 8Page - Major-Power Technology Co., LTD. MA7153F Datasheet HTML 9Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4/9
MA7153F/R
Major Power Technology Co., Ltd.
Rev.1.0 Sep.17, 2017
APPLICATION CIRCUIT
SOT(FG)
4
1
6
2
GND
Coil
PWM OUT2
OUT1
FG
3
C1
VDD
10k
PWM Signal
5
VDD
FG
Output
100nF
Optional
PERFORMANCE CHARACTERISTICS
TA (C)
25
50
60
70
80
85
90
95
100
PD (mW)
550
440
396
352
308
286
264
242
220
TA (C)
105
110
115
120
125
130
135
140
150
PD (mW)
198
176
154
132
110
88
66
44
0



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com