Electronic Components Datasheet Search
  English  ▼

X  

MA7151FC Datasheet(PDF) 6 Page - Major-Power Technology Co., LTD.

Part # MA7151FC
Description  Low Noise & Low voltage Single-Coil Fan/Motor Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA7151FC Datasheet(HTML) 6 Page - Major-Power Technology Co., LTD.

Back Button MA7151FC Datasheet HTML 2Page - Major-Power Technology Co., LTD. MA7151FC Datasheet HTML 3Page - Major-Power Technology Co., LTD. MA7151FC Datasheet HTML 4Page - Major-Power Technology Co., LTD. MA7151FC Datasheet HTML 5Page - Major-Power Technology Co., LTD. MA7151FC Datasheet HTML 6Page - Major-Power Technology Co., LTD. MA7151FC Datasheet HTML 7Page - Major-Power Technology Co., LTD. MA7151FC Datasheet HTML 8Page - Major-Power Technology Co., LTD. MA7151FC Datasheet HTML 9Page - Major-Power Technology Co., LTD. MA7151FC Datasheet HTML 10Page - Major-Power Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6/11
MA7151F/R
Major Power Technology Co., Ltd.
Rev.1.0 Sep.18, 2017
1. Voltage mode PWM :
Applying a DC voltage to the PWM pin and the MA7151 will generate PWM pulses internally
with the “ON” duty cycle ratio according to the diagram below(Figure.1), which can be utilized
by the user to control the speed of the motor. The rotation speed will be higher if the voltage
applied to the PWM pin is higher.
0%
0.14VDD
PWM ON rate
100%
0.5VDD
Figure.1
2. Pulse mode PWM :
User can also apply PWM pulses directly to the PWM pin. The MA7151 will pass this pulse to the
coil driver with the original duty-cycle ratio.
Note:
(1) While using pulse mode PWM, the “High” Value of the input pulse should be higher than
0.5*VDD and the“Low” value should be lower than 0.14*VDD
(2) The lower-limit for the PWM pulse frequency is 200Hz, and the recommended frequency range
is higher than 30KHz where the PWM input pulses will not generate acoustic noise.
Note. The “PWM” pin contains an internal pull-up resistor so the MA7151 will rotate at full-speed
(100% ON) when this pin is left un-connected(floating).
PWM signal and Standby Mode
This IC would enter standby mode when the PWM input keeps low level for then 30ms(typ.). In
standby mode, it will shutdown amplifier and FG. In standby mode, the lock protection function
doesn’t work, therefore, starting fan is unobstructed when releasing standby mode.
PWM
Lock protect enable
disable
enable
30ms
Soft Switching
MA7151 uses soft switching of the motor coil current during commutation for to minimize audible
switching noise and electromagnetic interference (EMI) to provide a low noise solution.
Soft
Switching
GND
VDD
200us



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com