Electronic Components Datasheet Search
  English  ▼

X  

MA7021AT Datasheet(PDF) 2 Page - Major-Power Technology Co., LTD.

Part # MA7021AT
Description  Single Output Hall Effect Latch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA7021AT Datasheet(HTML) 2 Page - Major-Power Technology Co., LTD.

  MA7021AT Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA7021AT Datasheet HTML 2Page - Major-Power Technology Co., LTD. MA7021AT Datasheet HTML 3Page - Major-Power Technology Co., LTD. MA7021AT Datasheet HTML 4Page - Major-Power Technology Co., LTD. MA7021AT Datasheet HTML 5Page - Major-Power Technology Co., LTD. MA7021AT Datasheet HTML 6Page - Major-Power Technology Co., LTD. MA7021AT Datasheet HTML 7Page - Major-Power Technology Co., LTD. MA7021AT Datasheet HTML 8Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2/8
MA7021
Major Power Technology Co., Ltd.
Rev.1.7 Nov.16, 2017
BLOCK DIAGRAM
Hall
Plate
Control
Logic
Regulator
VDD
OUT
Amp.
GND
RDER/MARKING INFORMATION
Order Information
Top Marking (SIP-3L)
Package Type
MA7021
Packing
A : Taping
XX X
Blank: Bag
P3: SIP-3L
YYWWX
7021
Part number
ID code:internal
WW:01~52
Year:16=2016
Order Information
Top Marking (TSOT/SOT23-3L)
MA7021
Packing
A : Taping
X
A
A: SOT23-3L
Blank:Bag
AT:TSOT23-3L
H
Week: 01~26(A~Z)
27~52(a~z)
Year : 6 = 2016
ID Code: Internal
9 Y W X
A BSOLUTE MAXIMUM RATINGS (at TA=25°C)
Characteristics
Symbol
Rating
Unit
Supply Voltage
VCC
28
V
Reverse VCC Polarity Voltage
VRCC
-28
V
Magnetic Flux Density
B
Unlimited
Gauss
Output Current
Continuous
IO
25
mA
Power Dissipation(SIP3/SOT23)
PD
550/230
mW
Storage Temperature Range
TSTG
-65 to +150
°C
Thermal Resistance from Junction to case(SIP3/SOT23)
θJC
49/410
°C/W
Thermal Resistance from Junction to ambient(SIP3/SOT23)
θJA
227/543
°C/W
Junction temperature
TJ
150
°C
Operating temperature
TO
-40 to 120
°C
Magnetic signal input frequency(note1)
Fsw
0~3
kHz
Magnetic signal input frequency(note1)
Fsw
0~3
kHz
Note1 : Not subject to production test, verified by design/characterization.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com