Electronic Components Datasheet Search
  English  ▼

X  

MA7153FC Datasheet(PDF) 5 Page - Major-Power Technology Co., LTD.

Part # MA7153FC
Description  Low Noise & Low voltage Single-Coil Fan/Motor Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA7153FC Datasheet(HTML) 5 Page - Major-Power Technology Co., LTD.

  MA7153FC Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA7153FC Datasheet HTML 2Page - Major-Power Technology Co., LTD. MA7153FC Datasheet HTML 3Page - Major-Power Technology Co., LTD. MA7153FC Datasheet HTML 4Page - Major-Power Technology Co., LTD. MA7153FC Datasheet HTML 5Page - Major-Power Technology Co., LTD. MA7153FC Datasheet HTML 6Page - Major-Power Technology Co., LTD. MA7153FC Datasheet HTML 7Page - Major-Power Technology Co., LTD. MA7153FC Datasheet HTML 8Page - Major-Power Technology Co., LTD. MA7153FC Datasheet HTML 9Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5/9
MA7153F/R
Major Power Technology Co., Ltd.
Rev.1.0 Sep.17, 2017
Functional Descriptions
Bias generator
The bias generator provides precise, temperature- and process-insensitive bias references for the
analog blocks. These references guarantee proper operation of the IC under all conditions
specified in this specification.
Power-on Reset
Used to detect the power-up ramp and reset the digital circuits.
Chopper Amplifier
To achieve a higher magnetic sensitivity the chopper amplifier structure is adopted in this design.
Use of this structure dynamically removes both the offset and flicker noise at the same time.
PWM control
PWM(pulse-width modulation) is used for the speed control. 2 types of PWM input signals can be
used :
1. Voltage mode PWM :
Applying a DC voltage to the PWM pin and the MA7153 will generate PWM pulses internally
with the “ON” duty cycle ratio according to the diagram below(Figure.1), which can be utilized
by the user to control the speed of the motor. The rotation speed will be higher if the voltage
applied to the PWM pin is higher.
0%
0.14VDD
PWM ON rate
100%
0.5VDD
Figure.1
2. Pulse mode PWM :
User can also apply PWM pulses directly to the PWM pin. The MA7153 will pass this pulse to the
coil driver with the original duty-cycle ratio.
Note:
(1) While using pulse mode PWM, the “High” Value of the input pulse should be higher than
0.5*VDD and the“Low” value should be lower than 0.14*VDD
(2) The lower-limit for the PWM pulse frequency is 200Hz, and the recommended frequency range
is higher than 30KHz where the PWM input pulses will not generate acoustic noise.
Note. The “PWM” pin contains an internal pull-up resistor so the MA7153 will rotate at full-speed
(100% ON) when this pin is left un-connected(floating).



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com