Electronic Components Datasheet Search
  English  ▼

X  

MA7153RCP Datasheet(PDF) 6 Page - Major-Power Technology Co., LTD.

Part # MA7153RCP
Description  Low Noise & Low voltage Single-Coil Fan/Motor Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA7153RCP Datasheet(HTML) 6 Page - Major-Power Technology Co., LTD.

  MA7153RCP Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA7153RCP Datasheet HTML 2Page - Major-Power Technology Co., LTD. MA7153RCP Datasheet HTML 3Page - Major-Power Technology Co., LTD. MA7153RCP Datasheet HTML 4Page - Major-Power Technology Co., LTD. MA7153RCP Datasheet HTML 5Page - Major-Power Technology Co., LTD. MA7153RCP Datasheet HTML 6Page - Major-Power Technology Co., LTD. MA7153RCP Datasheet HTML 7Page - Major-Power Technology Co., LTD. MA7153RCP Datasheet HTML 8Page - Major-Power Technology Co., LTD. MA7153RCP Datasheet HTML 9Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6/9
MA7153F/R
Major Power Technology Co., Ltd.
Rev.1.0 Sep.17, 2017
Oscillator
The built-in oscillator provides the clock signal for the digital control logics
PWM signal and Standby Mode
This IC would enter standby mode when the PWM input keeps low level for then 30ms(typ.). In
standby mode, it will shutdown amplifier and FG. In standby mode, the lock protection function
doesn’t work, therefore, starting fan is unobstructed when releasing standby mode.
PWM
Lock protect enable
disable
enable
30ms
Soft Switching
MA7153 uses soft switching of the motor coil current during commutation for to minimize audible
switching noise and electromagnetic interference (EMI) to provide a low noise solution.
Soft
Switching
GND
VDD
200us



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com