Electronic Components Datasheet Search
  English  ▼

X  

FIR16N50FG Datasheet(PDF) 2 Page - Shenzhen Foster Semiconductor Co., Ltd.

Part # FIR16N50FG
Description  N-Channel Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSTER [Shenzhen Foster Semiconductor Co., Ltd.]
Direct Link  http://www.first-semi.com
Logo FOSTER - Shenzhen Foster Semiconductor Co., Ltd.

FIR16N50FG Datasheet(HTML) 2 Page - Shenzhen Foster Semiconductor Co., Ltd.

  FIR16N50FG Datasheet HTML 1Page - Shenzhen Foster Semiconductor Co., Ltd. FIR16N50FG Datasheet HTML 2Page - Shenzhen Foster Semiconductor Co., Ltd. FIR16N50FG Datasheet HTML 3Page - Shenzhen Foster Semiconductor Co., Ltd. FIR16N50FG Datasheet HTML 4Page - Shenzhen Foster Semiconductor Co., Ltd. FIR16N50FG Datasheet HTML 5Page - Shenzhen Foster Semiconductor Co., Ltd. FIR16N50FG Datasheet HTML 6Page - Shenzhen Foster Semiconductor Co., Ltd. FIR16N50FG Datasheet HTML 7Page - Shenzhen Foster Semiconductor Co., Ltd. FIR16N50FG Datasheet HTML 8Page - Shenzhen Foster Semiconductor Co., Ltd. FIR16N50FG Datasheet HTML 9Page - Shenzhen Foster Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Electrical Characteristics(Tc= 25℃ unless otherwise specified):
OFF Characteristics
Rating
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
VDSS
Drain to Source Breakdown Voltage
VGS=0V, ID=250µA
500
--
--
V
ΔBV
DSS/ΔTJ
Bvdss Temperature Coefficient
ID=250uA,Reference25℃
--
0.6
--
V/℃
VDS = 500V, VGS= 0V,
Ta = 25℃
--
--
1
IDSS
Drain to Source Leakage Current
VDS =400V, VGS= 0V,
Ta = 125℃
--
--
10
µA
IGSS(F)
Gate to Source Forward Leakage
VGS =+30V
--
--
100
nA
IGSS(R)
Gate to Source Reverse Leakage
VGS =-30V
--
--
-100
nA
ON Characteristics
Rating
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
RDS(ON)
Drain-to-Source On-Resistance
VGS=10V,ID=8.0A
--
0.3
0.4
Ω
VGS(TH)
Gate Threshold Voltage
VDS = VGS, ID = 250µA
2.0
4.0
V
Pulse width tp≤380µs,δ≤2%
Dynamic Characteristics
Rating
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
gfs
Forward Transconductance
VDS=15V, ID =8.0A
--
18
--
S
Ciss
Input Capacitance
--
2400
--
Coss
Output Capacitance
--
235
--
Crss
Reverse Transfer Capacitance
VGS = 0V VDS = 25V
f = 1.0MHz
--
25.5
--
pF
Resistive Switching Characteristics
Rating
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
td(ON)
Turn-on Delay Time
--
15
--
tr
Rise Time
--
30
--
td(OFF)
Turn-Off Delay Time
--
50
--
tf
Fall Time
ID =16A
VDD =250V
VGS = 10V
RG =6.1Ω
--
40
--
ns
Qg
Total Gate Charge
--
50
Qgs
Gate to Source Charge
--
12
--
Qgd
Gate to Drain (“Miller”)Charge
ID =16A
VDD =250V
VGS = 10V
--
20
--
nC
www.First-semi.com
Page 2/10
FIR16N50FG



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com