Electronic Components Datasheet Search
  English  ▼

X  

MSM7543 Datasheet(PDF) 7 Page - OKI electronic componets

Part # MSM7543
Description  Single Rail CODEC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7543 Datasheet(HTML) 7 Page - OKI electronic componets

Back Button MSM7543 Datasheet HTML 3Page - OKI electronic componets MSM7543 Datasheet HTML 4Page - OKI electronic componets MSM7543 Datasheet HTML 5Page - OKI electronic componets MSM7543 Datasheet HTML 6Page - OKI electronic componets MSM7543 Datasheet HTML 7Page - OKI electronic componets MSM7543 Datasheet HTML 8Page - OKI electronic componets MSM7543 Datasheet HTML 9Page - OKI electronic componets MSM7543 Datasheet HTML 10Page - OKI electronic componets MSM7543 Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
¡ Semiconductor
MSM7543/7544
7/19
DG
Ground for the digital signal circuits.
This ground is separate from the analog signal ground. The DG pin must be connected to the AG
pin on the printed circuit board to make a common analog ground.
PDN
Power down control signal.
A logic "0" level drives both transmit and receive circuits to a power down state.
PCMOUT
PCM signal output.
The PCM output signal is output from MSD in a sequential order, synchronizing with the rising
edge of the BCLOCK signal.
MSD may be output at the rising edge of the XSYNC signal, based on the timing between
BCLOCK and XSYNC.
This pin is in a high impedance state except during 8-bit PCM output. It is also in a high
impedance state during power saving or power down modes.
A pull-up resistor must be connected to this pin because its output is configured as an open drain.
This device is compatible with the ITU-T recommendation on coding law and output coding
format.
The MSM7544(A-law) outputs the character signal, inverting the even bits.
Input/Output Level
+Full scale
+0
–0
–Full scale
PCMIN/PCMOUT
MSM7543 (
m-law)
MSD
1000
0000
1111
1111
0111
1111
0000
0000
MSM7544 (A-law)
MSD
1010
1010
1101
0101
0101
0101
0010
1010
SG
Signal ground voltage output.
The output voltage is 1/2 of the power supply voltage.
The output drive current capability is
±300 mA.
This pin provides the SG level for CODEC peripherals.
This output voltage level is undefined during power saving or power down modes.
SGC
Used to generate the signal ground voltage level by connecting a bypass capacitor.
Connect a 0.1 mF capacitor with excellent high frequency characteristics between the AG pin and
the SGC pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com