Electronic Components Datasheet Search
  English  ▼

X  

MSM7544 Datasheet(PDF) 8 Page - OKI electronic componets

Part # MSM7544
Description  Single Rail CODEC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7544 Datasheet(HTML) 8 Page - OKI electronic componets

Back Button MSM7544 Datasheet HTML 4Page - OKI electronic componets MSM7544 Datasheet HTML 5Page - OKI electronic componets MSM7544 Datasheet HTML 6Page - OKI electronic componets MSM7544 Datasheet HTML 7Page - OKI electronic componets MSM7544 Datasheet HTML 8Page - OKI electronic componets MSM7544 Datasheet HTML 9Page - OKI electronic componets MSM7544 Datasheet HTML 10Page - OKI electronic componets MSM7544 Datasheet HTML 11Page - OKI electronic componets MSM7544 Datasheet HTML 12Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
¡ Semiconductor
MSM7543/7544
8/19
ABSOLUTE MAXIMUM RATINGS
Parameter
Power Supply Voltage
Analog Input Voltage
Digital Input Voltage
Storage Temperature
Symbol
VDD
VAIN
VDIN
TSTG
Condition
—
—
—
—
Rating
0 to 7
–0.3 to VDD + 0.3
–0.3 to VDD + 0.3
–55 to +150
Unit
V
V
V
°C
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Power Supply Voltage
Analog Input Voltage
Digital Input High Voltage
Digital Input Low Voltage
Clock Frequency
Sync Pulse Frequency
Clock Duty Ratio
Digital Input Rise Time
Digital Input Fall Time
Transmit Sync Pulse Setting Time
Receive Sync Pulse Setting Time
Sync Pulse Width
PCMIN Set-up Time
PCMIN Hold Time
Digital Output Load
Analog Input Allowable DC Offset
Allowable Jitter Width
VDD
VAIN
VIH
VIL
FC
FS
DC
tIr
tIf
tXS
tWS
tDS
tDH
RDL
Voff
tSX
tRS
tSR
—
Condition
Connect AIN– and GSX
XSYNC, RSYNC, BCLOCK,
PCMIN, PDN, TMC
BCLOCK
XSYNC, RSYNC
BCLOCK
XSYNC, RSYNC, BCLOCK,
PCMIN, PDN, TMC
BCLOCKÆXSYNC, See Timing Diagram
XSYNC, RSYNC
—
—
Pull-up resistor
Transmit gain stage, Gain = 10
XSYNCÆBCLOCK, See Timing Diagram
BCLOCKÆRSYNC, See Timing Diagram
RSYNCÆBCLOCK, See Timing Diagram
Transmit gain stage, Gain = 1
XSYNC, RSYNC, BCLOCK
—
Min.
Typ.
Max.
Unit
4.75
—
2.2
0
64, 128, 256, 512, 1024,
2048, 96, 192, 384, 768,
1536, 1544, 200
6.0
40
—
—
100
1 BCLK
100
100
0.5
–10
100
100
100
–100
—
—
5.0
—
—
—
8.0
50
—
—
—
—
—
—
—
—
—
—
—
—
—
—
5.25
2.4
VDD
0.8
10.0
60
50
50
—
100
—
—
—
+10
—
—
—
+100
500
100
V
VPP
V
V
kHz
%
ns
ns
ns
ms
ns
ns
kW
mV
ns
ns
ns
mV
ns
pF
kHz
CDL
Voltage must be fixed
Operating Temperature
Ta
—
+25
°C
–30
+85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com